Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5622PG-G Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV5622PG-G
Description  32-Channel Serial to Parallel Converter With Open Drain Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5622PG-G Datasheet(HTML) 5 Page - Supertex, Inc

  HV5622PG-G Datasheet HTML 1Page - Supertex, Inc HV5622PG-G Datasheet HTML 2Page - Supertex, Inc HV5622PG-G Datasheet HTML 3Page - Supertex, Inc HV5622PG-G Datasheet HTML 4Page - Supertex, Inc HV5622PG-G Datasheet HTML 5Page - Supertex, Inc HV5622PG-G Datasheet HTML 6Page - Supertex, Inc HV5622PG-G Datasheet HTML 7Page - Supertex, Inc HV5622PG-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Supertex inc.
www.supertex.com
Doc.# DSFP-HV5622
C072313
HV5622
44-Lead PQFP Pin Description
Pin #
Function
Description
1
HV
OUT22
High voltage outputs.
2
HV
OUT21
3
HV
OUT20
4
HV
OUT19
5
HV
OUT18
6
HV
OUT17
7
HV
OUT16
8
HV
OUT15
9
HV
OUT14
10
HV
OUT13
11
HV
OUT12
12
HV
OUT11
13
HV
OUT10
14
HV
OUT9
15
HV
OUT8
16
HV
OUT7
17
HV
OUT6
18
HV
OUT5
19
HV
OUT4
20
HV
OUT3
21
HV
OUT2
22
HV
OUT1
23
DATA OUT
Data output pin.
24
N/C
No internal connection.
25
N/C
26
N/C
27
POL
Inverts the polarity of the HV
OUT pins
28
CLK
Clock pin, shift registers shifts data on falling edge of input clock.
29
VSS
Reference voltage, usually ground.
30
VDD
Logic supply voltage.
31
LE
Latch enable pin, data is shifted from shift register to latches on logic input high.
32
DATA IN
Data input pin.
33
BL
Blanking pin sets all HV
OUT pins low or high depending upon state of polarity.
See function table.
34
N/C
No internal connection.
35
HV
OUT32
High voltage outputs.
36
HV
OUT31
37
HV
OUT30
38
HV
OUT29
39
HV
OUT28
40
HV
OUT27
41
HV
OUT26
42
HV
OUT25
43
HV
OUT24
44
HV
OUT23


Similar Part No. - HV5622PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5622PG SUTEX-HV5622PG Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PG SUTEX-HV5622PG Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results

Similar Description - HV5622PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122PJ-G SUTEX-HV5122PJ-G Datasheet
856Kb / 10P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530PJ-G SUTEX-HV5530PJ-G Datasheet
690Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5530 SUTEX-HV5530_13 Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5523 SUTEX-HV5523 Datasheet
734Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5630 SUTEX-HV5630_13 Datasheet
627Kb / 6P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com