Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5523K7-G Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV5523K7-G
Description  32-Channel Serial To Parallel Converter With Open Drain Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5523K7-G Datasheet(HTML) 3 Page - Supertex, Inc

  HV5523K7-G Datasheet HTML 1Page - Supertex, Inc HV5523K7-G Datasheet HTML 2Page - Supertex, Inc HV5523K7-G Datasheet HTML 3Page - Supertex, Inc HV5523K7-G Datasheet HTML 4Page - Supertex, Inc HV5523K7-G Datasheet HTML 5Page - Supertex, Inc HV5523K7-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
HV5523
DC Electrical Characteristics (Over operating supply voltages and temperature, unless otherwise noted)
Sym
Parameter
Min
Typ
Max Units Conditions
I
DD
V
DD supply current
-
-
25
mA
f
CLK = 16MHz, fDATA = 8.0MHz
I
DDQ
Quiescent V
DD supply current
-
-
100
µA
D
IN = 0V, all input logic pins = 0V,
all outputs off
I
O(OFF)
Off state output current
-
-
10
µA
All outputs high,
all switches parallel
I
IH
High-level logic input current
-
-
1.0
µA
V
IH = VDD
I
IL
Low-level logic input current
-
-
-1.0
µA
V
IL = 0V
V
OH
High level output
V
DD -1.0V
-
-
V
ID
OUT = -10mA
V
OL
Low level output
HV
OUT
-
-
15
V
IHV
OUT = +100mA
DATA OUT
-
-
1.0
V
ID
OUT = +10mA
V
OC
HV
OUT clamp voltage
-
-
-1.5
V
I
OL = -100mA
AC Electrical Characteristics (V
DD = 5.0V, Tj = 25
O
C)
Sym
Parameter
Min
Typ
Max Units Conditions
f
CLK
Clock frequency
-
-
16
MHz
---
t
W
Clock high / low pulse width
31
-
-
ns
---
t
SU
Data setup time before clock falls
25
-
-
ns
---
t
H
Data hold time after clock falls
10
-
-
ns
---
t
ON
Turn on time, HV
OUT from Enable
-
-
400
ns
R
L = 2.0kΩ to VPP max
t
DHL
Delay time clock to data high to low
-
-
35
ns
C
L = 15pF
t
DLH
Delay time clock to data low to high
-
-
35
ns
C
L = 15pF
t
DLE
Delay time clock to LE low to high
20
-
-
ns
---
t
WLE
Width of LE pulse
20
-
-
ns
---
t
SLE
LE set-up time before clock falls
20
-
-
ns
---
C
IN
Digital logic input capacitance
-
-
15
pF
---
Input and Output Equivalent Circuits
VDD
DATA
INPUT
HV
OUT
Logic Inputs
DATA
OUTPUT
Logic Data Output
High Voltage Outputs
VDD
VSS
VSS
VSS


Similar Part No. - HV5523K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
690Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522DJ SUTEX-HV5522DJ Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results

Similar Description - HV5523K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5622 SUTEX-HV5622_13 Datasheet
800Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122PJ-G SUTEX-HV5122PJ-G Datasheet
856Kb / 10P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530PJ-G SUTEX-HV5530PJ-G Datasheet
690Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5530 SUTEX-HV5530_13 Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5630 SUTEX-HV5630_13 Datasheet
627Kb / 6P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com