Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV3418 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV3418
Description  64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV3418 Datasheet(HTML) 4 Page - Supertex, Inc

  HV3418_13 Datasheet HTML 1Page - Supertex, Inc HV3418_13 Datasheet HTML 2Page - Supertex, Inc HV3418_13 Datasheet HTML 3Page - Supertex, Inc HV3418_13 Datasheet HTML 4Page - Supertex, Inc HV3418_13 Datasheet HTML 5Page - Supertex, Inc HV3418_13 Datasheet HTML 6Page - Supertex, Inc HV3418_13 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Supertex inc.
www.supertex.com
Doc.# DSFP-HV3418
C071813
HV3418
Input and Output Equivalent Circuits
VDD
INPUT
GND
VPP
GND
HV
OUT
Logic Inputs
GND
DATA
OUT
Logic Data Output
High Voltage Outputs
VDD
Switching Waveforms
LE
HV
OUT
w/ S/R LOW
Data Valid
50%
DATA
INPUT
CLK
D
IO/DIO
50%
50%
50%
t
SU
t
H
t
WL
t
WH
50%
50%
t
DLH
t
DHL
50%
t
WLE
t
DLE
t
SLE
50%
50%
t
ON
10%
90%
90%
10%
t
OFF
V
IH
V
IL
V
IH
V
IL
V
OH
V
OL
V
OH
V
OL
V
OH
V
OL
V
OH
V
OL
V
OH
V
OL
HV
OUT
w/ S/R HIGH
50%


Similar Part No. - HV3418_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV3418DG SUTEX-HV3418DG Datasheet
443Kb / 5P
   64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV3418PG SUTEX-HV3418PG Datasheet
443Kb / 5P
   64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418X SUTEX-HV3418X Datasheet
443Kb / 5P
   64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results

Similar Description - HV3418_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418 Datasheet
443Kb / 5P
   64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV507 SUTEX-HV507 Datasheet
453Kb / 5P
   300V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV3527 SUTEX-HV3527 Datasheet
415Kb / 5P
   275V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57708 SUTEX-HV57708_13 Datasheet
750Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Linear Dimensions Semic...
LND-SP64HV LINEAR_DIMENSIONS-LND-SP64HV Datasheet
325Kb / 3P
   32MHZ, 64 CHANNEL SERIAL TO PARALLEL CONVERTER WITH PUSH-PULL OUTPUTS
logo
Supertex, Inc
HV57708 SUTEX-HV57708_07 Datasheet
674Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908 Datasheet
459Kb / 5P
   8 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com