Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2809 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV2809
Description  Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch Relay Replacement IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2809 Datasheet(HTML) 4 Page - Supertex, Inc

  HV2809 Datasheet HTML 1Page - Supertex, Inc HV2809 Datasheet HTML 2Page - Supertex, Inc HV2809 Datasheet HTML 3Page - Supertex, Inc HV2809 Datasheet HTML 4Page - Supertex, Inc HV2809 Datasheet HTML 5Page - Supertex, Inc HV2809 Datasheet HTML 6Page - Supertex, Inc HV2809 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
HV2809
Supertex inc.
www.supertex.com
Doc.# DSFP-HV2809
NR010913
AC Electrical Characteristics (Over recommended operating conditions unless otherwise specified)
Sym Parameter
0OC
+25OC
+70OC
Unit Conditions
Min Max Min Typ Max Min Max
t
ON
Turn ON time
-
30
-
15
30
-
30
μs
V
SIG = VPP -10V, VPP = +100V,
R
LOAD = 10kΩ, VNN = -100V
t
OFF
Turn OFF time
-
30
-
15
30
-
30
dv/dt Maximum V
SIG slew rate
-
20
-
-
20
-
20
V/ns
V
PP = +40V, VNN = -160V
-
20
-
-
20
-
20
V
PP = +100V, VNN = -100V
-
20
-
-
20
-
20
V
PP = +160V, VNN = -40V
K
O
OFF isolation
-30
-
-30
-33
-
-30
-
dB
f = 5.0MHz,1.0kΩ//15pF load
-58
-
-58
-
-
-58
-
f = 5.0MHz, 50Ω load
K
CR
Switch crosstalk
-60
-
-60
-70
-
-60
-
dB
f = 5.0MHz, 50Ω load
I
ID
Output switch isolation diode
current
-
300
-
-
300
-
300
mA
300ns pulse width,
2.0% duty cycle
C
SG(OFF)
OFF capacitance SW to GND
-
14
-
9.0
14
-
14
pF
V
SIG = 0V, f = 1.0MHz,
both SW OFF
OFF capacitance Y to GND
-
28
-
18
28
-
28
C
SG(ON)
ON capacitance SW to GND
-
33
-
23
33
-
33
pF
V
SIG = 0V, f = 1.0MHz,
one SW ON, one SW OFF
ON capacitance Y to GND
-
33
-
23
33
-
33
+V
SPK
Output voltage spike SW
-
250
-
-
250
-
250
mV
V
PP = +40V, VNN = -160V,
R
LOAD = 50Ω
-V
SPK
-
250
-
-
250
-
250
+V
SPK
-
250
-
-
250
-
250
V
PP = +100V, VNN = -100V,
R
LOAD = 50Ω
-V
SPK
-
250
-
-
250
-
250
+V
SPK
-
250
-
-
250
-
250
V
PP = +160V, VNN = -40V,
R
LOAD = 50Ω
-V
SPK
-
250
-
-
250
-
250
+V
SPK
Output voltage spike Y
-
250
-
-
250
-
250
mV
V
PP = +40V, VNN = -160V,
R
LOAD = 50Ω
-V
SPK
-
250
-
-
250
-
250
+V
SPK
-
250
-
-
250
-
250
V
PP = +100V, VNN = -100V,
R
LOAD = 50Ω
-V
SPK
-
250
-
-
250
-
250
+V
SPK
-
250
-
-
250
-
250
V
PP = +160V, VNN = -40V,
R
LOAD = 50Ω
-V
SPK
-
250
-
-
250
-
250
QC
Charge injection
-
-
-
1020
-
-
-
pC
V
PP = +40V, VNN = -160V
-
-
-
700
-
-
-
V
PP = +100V, VNN = -100V
-
-
-
370
-
-
-
V
PP = +160V, VNN = -40V
* See Test Circuits on page 5
Truth Table
Logic Inputs
Switch Status
EN
A/B
H
H
SW0, 2, 4...30 ON, SW1, 3, 5...31 OFF
H
L
SW0, 2, 4...30 OFF, SW1, 3, 5...31 ON
L
X
All switches OFF


Similar Part No. - HV2809

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2801 SUTEX-HV2801 Datasheet
1Mb / 9P
   Low Charge Injection 32-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2802 MICROCHIP-HV2802 Datasheet
328Kb / 26P
   Low Harmonic Distortion, 32-Channel SPST
07/14/15
HV2802GA-G MICROCHIP-HV2802GA-G Datasheet
328Kb / 26P
   Low Harmonic Distortion, 32-Channel SPST
07/14/15
HV2803 MICROCHIP-HV2803 Datasheet
1,014Kb / 32P
   No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
Revision C May 2019
HV2803/AHA MICROCHIP-HV2803/AHA Datasheet
1,014Kb / 32P
   No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
Revision C May 2019
More results

Similar Description - HV2809

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2808 SUTEX-HV2808 Datasheet
661Kb / 7P
   Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch IC
logo
Microchip Technology
HV2803 MICROCHIP-HV2803 Datasheet
1,014Kb / 32P
   No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
Revision C May 2019
logo
Supertex, Inc
HV2605 SUTEX-HV2605 Datasheet
881Kb / 8P
   Low Harmonic Distortion 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2662 MICROCHIP-HV2662 Datasheet
614Kb / 16P
   Low Harmonic Distortion, 24-Channel SPST High Voltage Analog Switch
07/14/15
HV2605 MICROCHIP-HV2605 Datasheet
474Kb / 30P
   16-Channel Low Harmonic Distortion High-Voltage Analog Switches
Revision C (May 2022)
logo
Supertex, Inc
HV2733 SUTEX-HV2733 Datasheet
809Kb / 8P
   16-Channel, Low Harmonic Distortion, High Voltage Analog Switch with Bleed Resistors
logo
Microchip Technology
HV2802 MICROCHIP-HV2802 Datasheet
328Kb / 26P
   Low Harmonic Distortion, 32-Channel SPST
07/14/15
logo
Supertex, Inc
HV2705 SUTEX-HV2705 Datasheet
943Kb / 8P
   Low Harmonic Distortion, 16-Channel, High Voltage, Analog Switches with Bleed Resistors
logo
Monolithic Power System...
MP4832 MPS-MP4832 Datasheet
189Kb / 2P
   32-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV2801 SUTEX-HV2801 Datasheet
1Mb / 9P
   Low Charge Injection 32-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com