Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV3418PG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV3418PG-G
Description  64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV3418PG-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV3418PG-G Datasheet HTML 1Page - Supertex, Inc HV3418PG-G Datasheet HTML 2Page - Supertex, Inc HV3418PG-G Datasheet HTML 3Page - Supertex, Inc HV3418PG-G Datasheet HTML 4Page - Supertex, Inc HV3418PG-G Datasheet HTML 5Page - Supertex, Inc HV3418PG-G Datasheet HTML 6Page - Supertex, Inc HV3418PG-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV3418
C071813
HV3418
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
DD
-0.5V to +15V
Output voltage, V
PP
V
DD to +200V
Logic input levels
-0.5V to V
DD +0.5V
Ground current 1
1.5A
High voltage supply current 1
1.3A
Continuous total power dissipation 2
1200mW
Operating temperature range
-40°C to +85°C
Storage temperature range
-65°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to GND.
Notes:
1.
Connection to all power and ground pads is required. Duty cycle is
limited by the total power dissipated in the package.
2.
For operation above 25°C ambiant derate linearly to maximum
operating temperature at 20mW/°C.
Pin Configuration
Product Marking
80-Lead PQFP
(top view)
1
80
80-Lead PQFP
HV3418PG
LLLLLLLLLL
YYWW
CCCCCCCC AAA
L = Lot Number
YY = Year Sealed
WW = Week Sealed
C = Country of Origin
A = Assembler ID
= “Green” Packaging
Recommended Operating Conditions
Sym
Parameter
Min
Typ
Max
Units
V
DD
Logic supply voltage
V
DD = 5.0V
4.5
5.0
5.5
V
V
DD = 12V
10.8
12.0
13.2
V
PP
High voltage supply
60
-
180
V
V
IH
High-level input voltage
V
DD - 0.9
-
V
DD
V
V
IL
Low-level input voltage
0
-
0.9
V
T
A
Operating free-air temperature
-40
-
+85
°C
Power-up sequence should be the following:
1.
Connect ground
2.
Apply V
DD
3.
Set all inputs (Data, CLK, Enable, etc.) to a known state
4.
Apply V
PP
The V
PP should not drop below VDD or float during operation.
Power-down sequence should be the reverse of the above.
Package may or may not include the following marks: Si or
-G denotes a lead (Pb)-free / RoHS compliant package
Ordering Information
Part Number
Package Option
Packing
HV3418PG-G
80-Lead PQFP
66/Tray
Typical Thermal Resistance
Package
θ
ja
80-Lead PQFP
37OC/W


Similar Part No. - HV3418PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results

Similar Description - HV3418PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418 Datasheet
443Kb / 5P
   64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV507 SUTEX-HV507 Datasheet
453Kb / 5P
   300V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV3527 SUTEX-HV3527 Datasheet
415Kb / 5P
   275V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57708 SUTEX-HV57708_13 Datasheet
750Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Linear Dimensions Semic...
LND-SP64HV LINEAR_DIMENSIONS-LND-SP64HV Datasheet
325Kb / 3P
   32MHZ, 64 CHANNEL SERIAL TO PARALLEL CONVERTER WITH PUSH-PULL OUTPUTS
logo
Supertex, Inc
HV57708 SUTEX-HV57708_07 Datasheet
674Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908 Datasheet
459Kb / 5P
   8 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com