Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2731FG-G Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV2731FG-G
Description  16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2731FG-G Datasheet(HTML) 4 Page - Supertex, Inc

  HV2731FG-G Datasheet HTML 1Page - Supertex, Inc HV2731FG-G Datasheet HTML 2Page - Supertex, Inc HV2731FG-G Datasheet HTML 3Page - Supertex, Inc HV2731FG-G Datasheet HTML 4Page - Supertex, Inc HV2731FG-G Datasheet HTML 5Page - Supertex, Inc HV2731FG-G Datasheet HTML 6Page - Supertex, Inc HV2731FG-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
HV2731
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
AC Electrical Characteristics (cont.) (Over recommended operating conditions unless otherwise specified)
Sym Parameter
0OC
+25OC
+70OC
Units Conditions
Min Max Min Typ Max Min Max
t
ON
Turn on time
-
5.0
-
-
5.0
-
5.0
μs
V
SIG = VPP -10V,
R
LOAD = 10KΩ
t
OFF
Turn off time
-
5.0
-
-
5.0
-
5.0
dv/dt Maximum V
SIG slew rate
-
20
-
-
20
-
20
V/ns ---
K
O
Off isolation
-30
-
-30
-33
-
-30
-
dB
f = 5.0MHz,
load = 1.0KΩ//15pF
-45
-
-45
-50
-
-45
-
f = 7.5MHz, R
LOAD = 50Ω
K
CR
Switch crosstalk
-45
-
-45
-
-
-45
-
dB
f = 5.0MHz, R
LOAD = 50Ω
I
ID
Output switch isolation diode
current
-
300
-
-
300
-
300
mA
300ns pulse width,
2.0% duty cycle
C
SG(OFF)
Off capacitance SW to GND
5.0
17
5.0
12
17
5.0
17
pF
V
SIG = 0V, f = 1.0MHz
C
SG(ON)
On capacitance SW to GND
25
50
25
38
50
25
50
pF
V
SIG = 0V, f = 1.0MHz
+V
SPK
Output voltage spike
-
-
-
250
-
-
-
mV
R
LOAD = 50Ω
-V
SPK
-
-
-
500
-
-
-
QC
Charge injection
-
-
-
770
-
-
-
PC
V
PP = +50V, VNN = -170V
-
-
-
620
-
-
-
V
PP = +110V, VNN = -110V
Logic Timing Waveforms
0V
VDD
DIN
t
SD
t
WLE
LE
SW
ON
OFF
10%
90%
50%
0V
VDD
T
ON
T
OFF
50%
50%
50%
Truth Table
DIN2
DIN1
LE
SW0 to SW7
SW8 to SW15
L
L
L
OFF
OFF
L
H
L
ON
OFF
H
L
L
OFF
ON
H
H
L
ON
ON
X
X
H
Hold Previous State


Similar Part No. - HV2731FG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2731FG-G SUTEX-HV2731FG-G Datasheet
663Kb / 7P
   16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
More results

Similar Description - HV2731FG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2731 SUTEX-HV2731 Datasheet
663Kb / 7P
   16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
HV2631 SUTEX-HV2631 Datasheet
668Kb / 7P
   16-Channel (2 Banks of 8-Channels), High Voltage Analog Switch
HV2631 SUTEX-HV2631_09 Datasheet
515Kb / 7P
   16-Channel (2 Banks of 8-Channels), High Voltage Analog Switch
HV238 SUTEX-HV238 Datasheet
333Kb / 6P
   16 Channel High Voltage Analog Switch With Bleed Resistors
HV238 SUTEX-HV238_13 Datasheet
734Kb / 7P
   16-Channel High Voltage Analog Switch With Bleed Resistors
logo
IXYS Corporation
CPC7701 IXYS-CPC7701 Datasheet
956Kb / 11P
   16-Channel High Voltage Analog Switch with Integrated Bleed Resistors
logo
Monolithic Power System...
MP4816A MPS-MP4816A Datasheet
125Kb / 2P
   16-Channel High Voltage Analog Switch With Output Bleed Resistors
logo
Supertex, Inc
HV2701 SUTEX-HV2701_07 Datasheet
714Kb / 8P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2701 SUTEX-HV2701 Datasheet
509Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2733 SUTEX-HV2733 Datasheet
809Kb / 8P
   16-Channel, Low Harmonic Distortion, High Voltage Analog Switch with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com