Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2705FG-GM931 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV2705FG-GM931
Description  Low Harmonic Distortion, 16-Channel, High Voltage, Analog Switches with Bleed Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2705FG-GM931 Datasheet(HTML) 6 Page - Supertex, Inc

  HV2705FG-GM931 Datasheet HTML 1Page - Supertex, Inc HV2705FG-GM931 Datasheet HTML 2Page - Supertex, Inc HV2705FG-GM931 Datasheet HTML 3Page - Supertex, Inc HV2705FG-GM931 Datasheet HTML 4Page - Supertex, Inc HV2705FG-GM931 Datasheet HTML 5Page - Supertex, Inc HV2705FG-GM931 Datasheet HTML 6Page - Supertex, Inc HV2705FG-GM931 Datasheet HTML 7Page - Supertex, Inc HV2705FG-GM931 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Supertex inc.
www.supertex.com
HV2705
HV2706
Doc.# DSFP-HV2705_HV2706
B051512
Logic Function Table
Notes:
1.
The 16 switches operate independently.
2.
Serial data is clocked in on the L to H transition of the CLK.
3.
All 16 switches go to a state retaining their latched condition at the rising edge of LE. When LE is low the shift registers data flow through the
latch.
4.
D
OUT is high when data in the shift register 15 is high.
5.
Shift registers clocking has no effect on the switch states if LE is high.
6.
The CLR clear input overrides all other inputs.
Logic Timing Waveforms
DATA IN
DIN
LE
CLOCK
DATA OUT
DOUT
OFF
ON
CLR
V
OUT
(typ)
50%
50%
50%
50%
t
WLE
t
SD
50%
50%
t
SU
t
h
t
OFF
50%
t
DO
t
ON
t
WCL
D
N - 1
D
N
D
N + 1
50%
50%
90%
10%
D0
D1
...
D7
D8
...
D15
LE
CLR
SW0
SW1
...
SW7
SW8
... SW15
L
-
...
-
-
...
-
L
L
OFF
-
...
-
-
...
-
H
-
-
-
-
L
L
ON
-
-
-
-
-
L
-
-
-
L
L
-
OFF
-
-
-
-
H
-
-
-
L
L
-
ON
-
-
-
-
-
-
-
-
L
L
-
-
-
-
-
-
-
-
-
-
L
L
-
-
-
-
-
-
-
L
-
-
L
L
-
-
OFF
-
-
-
-
H
-
-
L
L
-
-
ON
-
-
-
-
-
L
-
L
L
-
-
-
OFF
-
-
-
-
H
-
L
L
-
-
-
ON
-
-
-
-
-
-
L
L
-
-
-
-
-
-
-
-
-
-
L
L
-
-
-
-
-
-
-
-
-
-
L
L
-
-
-
-
-
-
-
-
-
-
L
L
-
-
-
-
-
-
-
-
-
L
L
L
-
-
-
-
OFF
-
-
-
-
H
L
L
-
-
-
-
ON
X
X
X
X
X
X
X
H
L
HOLD PREVIOUS STATE
X
X
X
X
X
X
X
X
H
ALL SWITCHES OFF


Similar Part No. - HV2705FG-GM931

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV2705FG-G-M931 MICROCHIP-HV2705FG-G-M931 Datasheet
474Kb / 30P
   16-Channel Low Harmonic Distortion High-Voltage Analog Switches
Revision C (May 2022)
HV2705FG-G-M936 MICROCHIP-HV2705FG-G-M936 Datasheet
474Kb / 30P
   16-Channel Low Harmonic Distortion High-Voltage Analog Switches
Revision C (May 2022)
More results

Similar Description - HV2705FG-GM931

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2733 SUTEX-HV2733 Datasheet
809Kb / 8P
   16-Channel, Low Harmonic Distortion, High Voltage Analog Switch with Bleed Resistors
logo
Microchip Technology
HV2605 MICROCHIP-HV2605 Datasheet
474Kb / 30P
   16-Channel Low Harmonic Distortion High-Voltage Analog Switches
Revision C (May 2022)
logo
Supertex, Inc
HV238 SUTEX-HV238 Datasheet
333Kb / 6P
   16 Channel High Voltage Analog Switch With Bleed Resistors
HV2605 SUTEX-HV2605 Datasheet
881Kb / 8P
   Low Harmonic Distortion 16-Channel High Voltage Analog Switch
HV238 SUTEX-HV238_13 Datasheet
734Kb / 7P
   16-Channel High Voltage Analog Switch With Bleed Resistors
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV232 SUTEX-HV232_13 Datasheet
567Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV230 SUTEX-HV230_13 Datasheet
586Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches with Bleed Resistors
HV230 SUTEX-HV230 Datasheet
380Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
logo
IXYS Corporation
CPC7701 IXYS-CPC7701 Datasheet
956Kb / 11P
   16-Channel High Voltage Analog Switch with Integrated Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com