Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2221 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV2221
Description  Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2221 Datasheet(HTML) 1 Page - Supertex, Inc

  HV2221 Datasheet HTML 1Page - Supertex, Inc HV2221 Datasheet HTML 2Page - Supertex, Inc HV2221 Datasheet HTML 3Page - Supertex, Inc HV2221 Datasheet HTML 4Page - Supertex, Inc HV2221 Datasheet HTML 5Page - Supertex, Inc HV2221 Datasheet HTML 6Page - Supertex, Inc HV2221 Datasheet HTML 7Page - Supertex, Inc HV2221 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Supertex inc.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
HV2221
Features
Low on-resistance, 14Ω max.
HVCMOS technology for high performance
3.3 or 5.0V CMOS input logic level
20MHz data shift clock frequency
Very low quiescent power dissipation (-10µA)
Low parasitic capacitance
DC to 50MHz small signal frequency response
-60dB typical off-isolation at 5MHz
CMOS logic circuitry for low power
Excellent noise immunity
Cascadable serial data register with latches
Flexible operating supply voltages
Applications
NDT metal flaw detection
Medical ultrasound imaging
Piezoelectric transducer drivers
Inkjet printer heads
Optical MEMS modules
General Description
The Supertex HV2221 is a low charge injection, 8-channel,
unipolar, negative high voltage, analog switch integrated
circuit (IC) intended for use in applications requiring high
voltage switching controlled by low voltage control signals,
such as NDT ultrasound flaw detection, medical ultrasound
imaging, piezoelectric transducer drivers, and printers.
Data is input into an 8-bit shift register that can then be
retained in an 8-bit latch. To reduce any possible clock feed-
through noise, the latch enable bar should be left high until all
bits are clocked in. Data is clocked in during the rising edge
of the clock.
Using HVCMOS technology, this device combines high
voltage bilateral DMOS switches and low power CMOS logic
to provide efficient control of high voltage analog signals.
Block Diagram
Low Charge Injection, 8-Channel,
Unipolar, Negative High Voltage, Analog Switch
D
LE
CLR
SW0
SW1
SW2
SW6
SW7
CLK
DIN
DOUT
Output
Switches
VNN VPP
LE CLR
VDD GND
8-Bit
Shift
Register
D
LE
CLR
D
LE
CLR
D
LE
CLR
D
LE
CLR
Level
Shifters
Latches


Similar Part No. - HV2221

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2221 SUTEX-HV2221 Datasheet
709Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch
HV2221FG-G SUTEX-HV2221FG-G Datasheet
709Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch
More results

Similar Description - HV2221

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2221 SUTEX-HV2221 Datasheet
709Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch
HV2321 SUTEX-HV2321_11 Datasheet
680Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
HV2321 SUTEX-HV2321 Datasheet
716Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
   Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com