Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2201FG-G Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV2201FG-G
Description  Low Charge Injection, 8-Channel, Enhanced, High Voltage Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2201FG-G Datasheet(HTML) 7 Page - Supertex, Inc

Back Button HV2201FG-G Datasheet HTML 2Page - Supertex, Inc HV2201FG-G Datasheet HTML 3Page - Supertex, Inc HV2201FG-G Datasheet HTML 4Page - Supertex, Inc HV2201FG-G Datasheet HTML 5Page - Supertex, Inc HV2201FG-G Datasheet HTML 6Page - Supertex, Inc HV2201FG-G Datasheet HTML 7Page - Supertex, Inc HV2201FG-G Datasheet HTML 8Page - Supertex, Inc HV2201FG-G Datasheet HTML 9Page - Supertex, Inc HV2201FG-G Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
HV2201
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Typical Waveforms
DATA
IN
LE
CLOCK
DATA
OUT
(TYP) ON
VOUT OFF
50%
t
WLE
t
SD
t
SU
t
h
t
OFF
t
DO
t
ON
t
WCL
CLR
LR
D
N+1
D
N
D
N-1
50%
50%
50%
50%
50%
50%
90%
10%
50%
50%


Similar Part No. - HV2201FG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2201FG-G SUTEX-HV2201FG-G Datasheet
324Kb / 9P
   Low Charge Injection 8-Channel Enhanced High Voltage Analog Switch
More results

Similar Description - HV2201FG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2201 SUTEX-HV2201 Datasheet
324Kb / 9P
   Low Charge Injection 8-Channel Enhanced High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com