Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV518PJ-GM903 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV518PJ-GM903
Description  32-Channel Vacuum-Fluorescent Display Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV518PJ-GM903 Datasheet(HTML) 3 Page - Supertex, Inc

  HV518PJ-GM903 Datasheet HTML 1Page - Supertex, Inc HV518PJ-GM903 Datasheet HTML 2Page - Supertex, Inc HV518PJ-GM903 Datasheet HTML 3Page - Supertex, Inc HV518PJ-GM903 Datasheet HTML 4Page - Supertex, Inc HV518PJ-GM903 Datasheet HTML 5Page - Supertex, Inc HV518PJ-GM903 Datasheet HTML 6Page - Supertex, Inc HV518PJ-GM903 Datasheet HTML 7Page - Supertex, Inc HV518PJ-GM903 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Supertex inc.
www.supertex.com
Doc.# DSFP-HV518
C072413
HV518
Sym Parameter
Min
Typ
Max Units Conditions
I
DD
Supply current
-
-
10
mA
V
DD = 5.0V, fCH = 6.0 MHz
I
DDQ
Quiescent supply current
-
-
0.5
mA
V
DD = 5.5V, VIN = 0V
I
PP
Supply current
-
-
12
mA
Outputs high, T
A = -40
O
-
7.0
10
mA
Outputs high, T
A = 0 to +85
O
-
-
500
µA
Outputs low
V
OH
HV
IN operating current
HV output
70
-
-
V
I
OH = -25mA
Serial output
4.5
4.9
5.0
V
DD = 5.0V, IOH = -20µA
V
OL
LV
IN operating current
HV output
-
-
5.0
V
I
OL = 1.0mA
Serial output
-
0.06
0.8
I
OL = 20µA
I
IH
Logic input current high
-
0.1
1.0
µA
V
IH = VDD
I
IL
Logic input current low
-
-0.1
-1.0
µA
V
IL = 0V
Note:
The total number of ON outputs times the duty cycle must not exceed the allowable package power disspation.
Switching Characteristics (V
PP = 80V, CL = 50pF, TA = 25°C, unless otherwise noted)
Sym Parameter
Min
Typ
Max
Unit
Conditions
t
d
Delay time, clock to data output
-
-
600
ns
C
L = 15pF, See Figure 2
t
DHL
Delay time, high-to-low-
level, HV output
From latch enable
-
-
1.5
µs
V
DD = 4.5V, See Figure 3
From strobe
-
-
1.0
V
DD = 4.5V, See Figure 4
t
DLH
Delay time, low-to-high-
level, HV output
From latch enable
-
-
1.5
µs
V
DD = 4.5V, See Figure 3
From strobe
-
-
1.0
V
DD = 4.5V, See Figure 4
t
THL
Transition time, high-to-low-level, HV output
-
-
3.0
µs
V
DD = 4.5V, See Figure 4
t
TLH
Transition time, low-to-high-level, HV output
-
-
2.5
µs
V
DD = 4.5V, See Figure 4
Electrical Characteristics (over recommended ranges of operating ambient temperature unless otherwise noted.)
Recommended Operating Conditions (T
A = 25°C, unless otherwise noted)
Sym Parameter
Min
Max
Unit
Conditions
V
DD
Logic supply voltage
4.5
5.5
V
---
V
PP
High voltage supply
8.0
80
V
---
V
IH
High-level input voltage
3.5
-
V
V
DD = 4.5V, See Figure 1
V
IL
Low-level input voltage
-
1.0
V
V
DD = 4.5V, See Figure 1
I
OH
High-level output current
-25
-
mA
---
I
OL
Low-level output current
-
2.0
mA
---
f
CLK
Clock frequency
-
6.0
MHz
V
DD = 4.5V, See Figure 1
t
w(CKH)
Pulse duration, clock high
83
-
ns
V
DD = 4.5V
t
w(CKL)
Pulse duration, clock low
83
-
ns
V
DD = 4.5V
t
su
Setup time, data before clock
75
-
ns
V
DD = 4.5V
t
h
Hold time, data after clock
75
-
ns
V
DD = 4.5V
T
A
Operating ambient temperature
-40
85
°C
---


Similar Part No. - HV518PJ-GM903

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV518PJ-G SUTEX-HV518PJ-G Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
More results

Similar Description - HV518PJ-GM903

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV518 SUTEX-HV518_07 Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
HV518 SUTEX-HV518 Datasheet
448Kb / 5P
   32-Channel Vacuum-Fluorescent Display Driver
logo
Allegro MicroSystems
6118 ALLEGRO-6118 Datasheet
135Kb / 8P
   VACUUM FLUORESCENT DISPLAY DRIVER
logo
National Semiconductor ...
DS8881 NSC-DS8881 Datasheet
124Kb / 6P
   Vacuum Fluorescent Display Driver
logo
STMicroelectronics
STV7710 STMICROELECTRONICS-STV7710 Datasheet
121Kb / 19P
   Vacuum Fluorescent Display (VFD) Driver
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022 Datasheet
262Kb / 7P
   Vacuum Fluorescent Display Filament Driver
logo
ON Semiconductor
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022_05 Datasheet
654Kb / 7P
   Vacuum Fluorescent Display Filament Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com