Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV513K7-GM935 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV513K7-GM935
Description  8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs, POL, Hi-Z, and Short Circuit Detect
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV513K7-GM935 Datasheet(HTML) 1 Page - Supertex, Inc

  HV513K7-GM935 Datasheet HTML 1Page - Supertex, Inc HV513K7-GM935 Datasheet HTML 2Page - Supertex, Inc HV513K7-GM935 Datasheet HTML 3Page - Supertex, Inc HV513K7-GM935 Datasheet HTML 4Page - Supertex, Inc HV513K7-GM935 Datasheet HTML 5Page - Supertex, Inc HV513K7-GM935 Datasheet HTML 6Page - Supertex, Inc HV513K7-GM935 Datasheet HTML 7Page - Supertex, Inc HV513K7-GM935 Datasheet HTML 8Page - Supertex, Inc HV513K7-GM935 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
Doc.# DSFP-HV513
C072413
HV513
Features
HVCMOS® technology
Operating output voltage of 250V
Low power level shifting from 5.0 to 250V
Shift register speed 8.0MHz @ V
DD = 5.0V
8 latch data outputs
Output polarity and blanking
Output short circuit detect
Output high-Z control
CMOS compatible inputs
Applications
Piezoelectric transducer driver
Braille driver
Weaving applications
Printer drivers
MEMs
Displays
Typical Application Circuit
8-Channel Serial to Parallel Converter with High Voltage
Push-Pull Outputs, POL, Hi-Z, and Short Circuit Detect
General Description
The HV513 is a low voltage serial to high voltage parallel converter
with 8 high voltage push-pull outputs. This device has been designed
to drive small capacitve loads such as piezoelectric transducers. It can
also be used in any application requiring multiple high voltage outputs,
with medium current source and sink capabilities.
The device consists of an 8-bit shift register, 8 latches, and control logic
to perform the polarity select and blanking of the outputs. Data is shifted
through the shift register on the low to high transition of the clock.Adata
output buffer is provided for cascading devices. Operation of the shift
register is not affected by the LE, BL, POL, or the HI-Z control inputs.
Transfer of data from the shift register to the latch occurs when the LE
is high. The data in the latch is stored when LE is low. A high-Z (HI-Z)
pin is provided to set all the outputs in a high-Z state.
All outputs have short circuit protection that detects if the outputs have
reached the required output state. If output does not track the required
state, then the SHORT pin will be low. This output will pulse low during
the output transistion period under normal operation; see SC Timing
Diagram for details.
All outputs will have a break-before-make circuitry to reduce cross-over
current during output state changes.
The POL, BL, LE, and HI-Z inputs have an internal pull up resistor.
DIN
CLK
DOUT
LE
HiZ
POL
HV
OUT1
HV
OUT8
High Voltage
Power Supply
Supertex HV513
D
IN
to the next HV513 for cascading
Piezo
Element
BL
SHORT
8
/
FPGA
Low Voltage
Power Supply
Low Voltage
Shift Register
Latches
Output
Controller
High Voltage
Level
Translators
&
Push-Pull
Output
Buffers


Similar Part No. - HV513K7-GM935

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV513K7-G SUTEX-HV513K7-G Datasheet
1Mb / 6P
   8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs, POL, Hi-Z, and Short Circuit Detect
More results

Similar Description - HV513K7-GM935

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV513 SUTEX-HV513 Datasheet
1Mb / 6P
   8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs, POL, Hi-Z, and Short Circuit Detect
HV514 SUTEX-HV514 Datasheet
1Mb / 6P
   8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418_13 Datasheet
620Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com