Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV461 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV461
Description  Ring Generator Controller IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV461 Datasheet(HTML) 6 Page - Supertex, Inc

Back Button HV461_13 Datasheet HTML 2Page - Supertex, Inc HV461_13 Datasheet HTML 3Page - Supertex, Inc HV461_13 Datasheet HTML 4Page - Supertex, Inc HV461_13 Datasheet HTML 5Page - Supertex, Inc HV461_13 Datasheet HTML 6Page - Supertex, Inc HV461_13 Datasheet HTML 7Page - Supertex, Inc HV461_13 Datasheet HTML 8Page - Supertex, Inc HV461_13 Datasheet HTML 9Page - Supertex, Inc HV461_13 Datasheet HTML 10Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Supertex inc.
www.supertex.com
Doc.# DSFP - HV461
C071913
HV461
Sym
Parameter
Min
Typ
Max
Units Conditions
PWM Controller
PWM Frequency
f
PWM
PWM frequency
21.25
127.5
25.00
150.0
28.75
172.5
kHz
kHz
R
PWM = 500kΩ
R
PWM = 83kΩ
t
PWMSYNC(OUT)
PWM sync output pulse
width
30
50
70
ns
---
t
PWMSYNC(IN)
PWM sync input pulse width
25
-
-
ns
---
f
PWMSYNC(IN)
PWM sync input frequency
range
25
-
150
kHz
---
V
PWMSYNC(lo)
PWM sync output low
voltage
-
-
0.2
V
I
OUT = 1.0mA sink
I
PWMSYNC
PWM sync pull-up current
-
100
-
µA
---
Switch Driver Outputs
V
OUT(lo)
Output voltage, low
-
-
0.2
V
I
OUT = 20mA sink
V
OUT(hi)
Output voltage, high
V
GD-0.2
-
-
V
I
OUT = 20mA source
t
RISE
Rise time
-
-
50
ns
C
L = 4nF
t
FALL
Fall time
-
-
50
ns
C
L = 4nF
Timing
D
Duty cycle
23
48
73
25
50
75
27
52
77
%
%
%
PWM
IN = 0.625V
PWM
IN = 1.250V
PWM
IN = 1.875V
V
DCL = 0V
D
limit
Duty cycle limit
12
72
22
62
20
80
30
70
28
88
38
78
%
%
%
%
V
DCL = 0.50V, PWMIN = 0V
V
DCL = 0.50V, PWMIN = 2.5V
V
DCL = 0.75V, PWMIN = 0V
V
DCL = 0.75V, PWMIN = 2.5V
I
DCL
V
DCL input current
-
-
1.0
µA
V
DCL = 0 - 1.0V
t
DB
Primary switch deadband
0
0.95
100
1.00
150
1.05
ns
µs
C
DB = 0pF
R
DB = 14kΩ, CDB = 100pF
t
DLY
Secondary switch delay
0
0.95
100
1.00
150
1.05
ns
µs
C
DLY= 0pF
R
DLY = 14kΩ, CDLY = 100pF


Similar Part No. - HV461_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV461FG SUTEX-HV461FG Datasheet
306Kb / 14P
   HV461FG Ring Generator Controller IC
HV461FG-G SUTEX-HV461FG-G Datasheet
798Kb / 14P
   Ring Generator Controller IC
More results

Similar Description - HV461_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV461FG-G SUTEX-HV461FG-G Datasheet
798Kb / 14P
   Ring Generator Controller IC
HV461 SUTEX-HV461 Datasheet
306Kb / 14P
   HV461FG Ring Generator Controller IC
logo
Texas Instruments
UCC2752 TI-UCC2752 Datasheet
72Kb / 6P
[Old version datasheet]   Resonant Ring Generator Controller
UCC2752 TI1-UCC2752_13 Datasheet
95Kb / 7P
[Old version datasheet]   Resonant Ring Generator Controller
logo
List of Unclassifed Man...
PD5019 ETC1-PD5019 Datasheet
209Kb / 14P
   Telephone Ring Generator Controller
logo
Supertex, Inc
HV440 SUTEX-HV440_14 Datasheet
464Kb / 6P
   High Voltage Ring Generator IC
logo
Texas Instruments
UCC2751 TI-UCC2751 Datasheet
69Kb / 7P
[Old version datasheet]   Single Line Ring Generator Controller
logo
Supertex, Inc
HV430 SUTEX-HV430 Datasheet
119Kb / 8P
   High Voltage Ring Generator
HV450 SUTEX-HV450 Datasheet
84Kb / 4P
   High-Voltage Ring Generator
logo
Linear Technology
LT1684 LINER-LT1684_15 Datasheet
236Kb / 16P
   Micropower Ring Tone Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com