Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV440 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV440
Description  High Voltage Ring Generator IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV440 Datasheet(HTML) 5 Page - Supertex, Inc

  HV440_14 Datasheet HTML 1Page - Supertex, Inc HV440_14 Datasheet HTML 2Page - Supertex, Inc HV440_14 Datasheet HTML 3Page - Supertex, Inc HV440_14 Datasheet HTML 4Page - Supertex, Inc HV440_14 Datasheet HTML 5Page - Supertex, Inc HV440_14 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Supertex inc.
www.supertex.com
Doc.# DSFP - HV440
C031414
HV440
Pin
Name
Description
1
VPP1
Positive high voltage supply.
2
PGND
High voltage power ground.
3
GND
Low voltage ground.
4
MODE
Logic mode input. Logic low activates 200nsec deadband. When mode is low, NIN turns on and off
the high voltage N- and P-Channels. Pin is not used and should be connected to VDD or ground.
5
PIN
Logic control input. When mode is high, logic input high turns off output high voltage P-Channel.
6
NIN
Logic control input. When mode is high, logic input high turns on output high voltage N-Channel.
7
EN
Active low enable input.
8
VDD
Logic supply voltage.
9
VNN1
Negative high voltage supply.
10
VNN2
Negative gate voltage supply. Generated by an internal linear regulator. A 0.1µF capacitor should
be connected between VNN2 and VNN1.
11
NGATE
Gate drive for external N-channel MOSFET.
12
VNSEN
Pulse by pulse over current sensing for internal N-Channel MOSFET.
13
HVOUT
High voltage output. Voltage swings from VPP1 to VNN1.
14
VPSEN
Pulse by pulse over current sensing for internal P-Channel MOSFET.
15
PGATE
Gate drive for external P-channel MOSFET.
16
VPP2
Positive gate voltage supply. Generated by an internal linear regulator. A 0.1µF capacitor should
be connected between VPP2 and VPP1.
Pin Description


Similar Part No. - HV440_14

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV440WG SUTEX-HV440WG Datasheet
83Kb / 4P
   High-Voltage Ring Generator
HV440WG SUTEX-HV440WG Datasheet
621Kb / 5P
   High-Voltage Ring Generator
HV440 SUTEX-HV440_07 Datasheet
621Kb / 5P
   High-Voltage Ring Generator
More results

Similar Description - HV440_14

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV430 SUTEX-HV430 Datasheet
119Kb / 8P
   High Voltage Ring Generator
HV450 SUTEX-HV450 Datasheet
84Kb / 4P
   High-Voltage Ring Generator
HV440 SUTEX-HV440_07 Datasheet
621Kb / 5P
   High-Voltage Ring Generator
HV441 SUTEX-HV441 Datasheet
140Kb / 7P
   High-Voltage Ring Generator
HV430 SUTEX-HV430_14 Datasheet
546Kb / 9P
   High-Voltage Ring Generator
HV441 SUTEX-HV441_03 Datasheet
360Kb / 8P
   High-Voltage Ring Generator
HV440 SUTEX-HV440 Datasheet
83Kb / 4P
   High-Voltage Ring Generator
HV461 SUTEX-HV461_13 Datasheet
909Kb / 14P
   Ring Generator Controller IC
HV461FG-G SUTEX-HV461FG-G Datasheet
798Kb / 14P
   Ring Generator Controller IC
HV461 SUTEX-HV461 Datasheet
306Kb / 14P
   HV461FG Ring Generator Controller IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com