Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR301 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # FR301
Description  FAST RECOVER Y RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

FR301 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  FR301 Datasheet HTML 1Page - SUNMATE electronic Co., LTD FR301 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE: 50 - 1000V
FR301 - FR307
Low Reverse Recovery Time (Trr)
Low Reverse Current
Low Forward Voltage Drop
High Current Capability
Plastic Material - UL Recognition 94V-0
Case: DO-201AD, Molded Plastic
Terminals: Axial Leads, Solderable per
MIL-STD-202 Method 208
Polarity: Color Band Denotes Cathode
Approx. Weight: 1.1 grams
Mounting Position: Any
Characteristic
Symbol
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
(9.5mm)
Lead Length @ TA=75°C
I(AV)
3.0
A
Peak Forward Surge Current 8.3 ms single half
sine-wave superimposed on rated load (JEDEC method)
IFSM
150
A
Maximum Instantaneous Forward Voltage at 3.0A DC
VF
1.3
V
Maximum DC Reverse Current
IR
10
µA
Maximum Reverse Recovery Time (Note 1)
Trr
150
250
500
ns
Typical Junction Capacitance (Note 2)
CJ
70
50
pF
Operating and Storage Temperature Range
TJ,TSTG
-65 to +175
°C
Notes:
1. Reverse Recovery Test Conditions: IF =0.5 A, IR =1.0 A, IRR =0.25 A
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
Mechanical Data
Features
CURRENT: 3.0 A
FAST RECOVERY RECTIFIER DIODES
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
!
!
!
!
!
!
!
!
!
!
FR301 FR302 FR303 FR304 FR305 FR306 FR307
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
1 of 2
www.sunmate.tw


Similar Part No. - FR301

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR301 SY-FR301 Datasheet
260Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
FR301 WTE-FR301 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
Jiangsu High diode Semi...
FR301 HDSEMI-FR301 Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
FR301 WILLAS-FR301 Datasheet
280Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
logo
Leshan Radio Company
FR301 LRC-FR301 Datasheet
50Kb / 2P
   3A FAST RECOVERY DIODES
More results

Similar Description - FR301

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
Summit Microelectronics...
1F10F SUMMIT-1F10F Datasheet
461Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
BYW82 SUNMATE-BYW82 Datasheet
375Kb / 3P
   FAST RECOVER Y RECTIFIER DIODES
ERD09-13 SUNMATE-ERD09-13 Datasheet
350Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
ES1Z SUNMATE-ES1Z Datasheet
307Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
FR101 SUNMATE-FR101 Datasheet
309Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
FR251G SUNMATE-FR251G Datasheet
310Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
FR801 SUNMATE-FR801 Datasheet
233Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
1S1834 SUNMATE-1S1834 Datasheet
337Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
RU1 SUNMATE-RU1 Datasheet
261Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
AU01Z SUNMATE-AU01Z Datasheet
259Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com