Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV311 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV311
Description  Hot Swap Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV311 Datasheet(HTML) 4 Page - Supertex, Inc

  HV311 Datasheet HTML 1Page - Supertex, Inc HV311 Datasheet HTML 2Page - Supertex, Inc HV311 Datasheet HTML 3Page - Supertex, Inc HV311 Datasheet HTML 4Page - Supertex, Inc HV311 Datasheet HTML 5Page - Supertex, Inc HV311 Datasheet HTML 6Page - Supertex, Inc HV311 Datasheet HTML 7Page - Supertex, Inc HV311 Datasheet HTML 8Page - Supertex, Inc HV311 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
HV311
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Functional Block Diagram
The HV311 provides control over the power supply cur-
rent on systems where circuit cards are inserted into live
backplanes. Such systems can frequently be found in the
telecom, data networking and computing industry. The de-
vice provides means of limiting the power supply current af-
ter contact with the live backplane is made, thereby protect-
ing card and backplane connectors and reducing the voltage
disturbance on the backplane’s power supply. Additional
protection is provided in the form of a circuit breaker function
and a start-up time limiter, both for protection of the external
MOSFET and the system as a whole.
Start-up Sequence
After first contact is made with the backplane, the HV311
tries to establish an internal bias supply of 10V. During this
time, GATE and RAMP are positively held low by circuitry
that can operate with partial supply voltage, and PWRGD is
in a high impedance state.
Whentheinternalbiassupplyisinregulation,theundervoltage
(UV) and overvoltage (OV) comparators start monitoring the
external power supply. External resistor dividers at UV and
OV pin set the window for normal operating supply voltage.
These may be two individual dividers, or a single divider with
two taps, as shown in the application diagrams.
Once the power supply voltage is within normal operating
range, a 10μA internal source turns on to charge an external
capacitor at the RAMP pin. The voltage at the GATE output
follows the RAMP pin voltage with an offset of about 2.5V for
control of the external MOSFET.
Power supply current starts to flow once the GATE voltage
reaches the MOSFET threshold voltage, which is typically
in the 2.0 to 4.0V range. The current sense amplifier at the
SENSE pin reduces the RAMP charging current in propor-
tion to the supply current, thereby slowing the voltage rise
at RAMP, and thus the rise of the GATE voltage. At a sense
voltage of 50mV the RAMP current is reduced to zero, and
the RAMP and GATE voltages stop rising, thereby prevent-
ing a further rise in the power supply current.
V
BG
C
C
C
UV
OV
Logic
Regulator & POR
VIN
PWRGD
~9.8V
RAMP
2V
BG
gm
SENSE
10A
Transconductor
D
I
S
A
B
L
E
P
U
L
L
H
I
G
H
V
REG
1 : 2
buffer
mirror
GATE
5k
5kΩ
Latch High
Sleep
Clamp Mechanism
Transconductor
UVLO
VEE
Functional Description


Similar Part No. - HV311

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV311 SUTEX-HV311 Datasheet
664Kb / 21P
   Hotswap, Controllers with Circuit Breaker
HV311 SUTEX-HV311 Datasheet
989Kb / 20P
   Hot Swap Controller (Negative Supply Rail)
HV311LG SUTEX-HV311LG Datasheet
664Kb / 21P
   Hotswap, Controllers with Circuit Breaker
More results

Similar Description - HV311

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
logo
Linear Technology
LTC1422 LINER-LTC1422_15 Datasheet
203Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com