Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV311LG-G Datasheet(PDF) 10 Page - Supertex, Inc

Part # HV311LG-G
Description  Hot Swap Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV311LG-G Datasheet(HTML) 10 Page - Supertex, Inc

Back Button HV311LG-G Datasheet HTML 6Page - Supertex, Inc HV311LG-G Datasheet HTML 7Page - Supertex, Inc HV311LG-G Datasheet HTML 8Page - Supertex, Inc HV311LG-G Datasheet HTML 9Page - Supertex, Inc HV311LG-G Datasheet HTML 10Page - Supertex, Inc HV311LG-G Datasheet HTML 11Page - Supertex, Inc HV311LG-G Datasheet HTML 12Page - Supertex, Inc HV311LG-G Datasheet HTML 13Page - Supertex, Inc HV311LG-G Datasheet HTML 14Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
HV311
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Application Circuit 5
Application Circuit 6
Note:
A capacitor may be needed to slow PWRGD dv/dt if gate oscillations are observed when V
IN is close to OVLO.
Note:
A capacitor may be needed to slow PWRGD dv/dt if gate oscillations are observed when V
IN is close to OVLO.
-48V
R4
12.5mΩ
R1
487kΩ
R2
6.81kΩ
R3
9.76kΩ
Q1
IRF530
C
LOAD
+5.0V
8
3
2
5
7
4
COM
1
GND
C1
10nF
C2
6
DC/DC
PWM
CONVERTER
VDD
UV
OV
VEE
SENSE GATE
RAMP
HV311
PWRGD
ENABLE
-48V
R5
12.5mΩ
R1
475kΩ
R2
16.2kΩ
R3
511kΩ
Q1
IRF530
C
LOAD
+5.0V
8
3
2
5
7
4
COM
1
GND
C1
10nF
C2
R4
10kΩ
DC/DC
PWM
CONVERTER
6
VDD
UV
OV
VEE
SENSE GATE
RAMP
HV311
PWRGD
ENABLE
Filtering Voltage Spikes on Input Supply
In some systems over voltage spikes of very short duration may exist. For these systems a small capacitor may be added
from the OV pin to the VEE pin to filter the voltage spikes.
Unfortunately this will also cause some delay in responding to UV conditions. If this UV delay is not acceptable, then sepa-
rate resistor dividers can be provided for OV and UV with a capacitor connected from OV pin to the VEE pin.


Similar Part No. - HV311LG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV311LG SUTEX-HV311LG Datasheet
664Kb / 21P
   Hotswap, Controllers with Circuit Breaker
More results

Similar Description - HV311LG-G

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
logo
Linear Technology
LTC1422 LINER-LTC1422_15 Datasheet
203Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com