Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV257 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV257
Description  32-Channel High Voltage Sample and Hold Amplifier Array
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV257 Datasheet(HTML) 5 Page - Supertex, Inc

  HV257_13 Datasheet HTML 1Page - Supertex, Inc HV257_13 Datasheet HTML 2Page - Supertex, Inc HV257_13 Datasheet HTML 3Page - Supertex, Inc HV257_13 Datasheet HTML 4Page - Supertex, Inc HV257_13 Datasheet HTML 5Page - Supertex, Inc HV257_13 Datasheet HTML 6Page - Supertex, Inc HV257_13 Datasheet HTML 7Page - Supertex, Inc HV257_13 Datasheet HTML 8Page - Supertex, Inc HV257_13 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
HV257
Supertex inc.
www.supertex.com
Doc.# DSFP-HV257
D070813
Decoder Truth Table
Temperature Diode
A
4
A
3
A
2
A
1
A
0
EN
Selected S/H
L
L
L
L
L
H
0
L
L
L
L
H
H
1
L
L
L
H
L
H
2
L
L
L
H
H
H
3
H
H
H
H
L
H
30
H
H
H
H
H
H
31
X
X
X
X
X
L
All Open
Sym
Parameter
Min
Typ
Max
Units Conditions
PIV
Peak inverse voltage
-
-
5.0
V
cathode to anode
V
F
Forward diode drop
-
0.6
-
V
I
F = 100µA, anode to cathode at TA = 25°C
I
F
Forward diode current
-
-
100
µA
anode to cathode
T
C
V
F temperature coefficient
-
-2.2
-
mV/°C anode to cathode
Sample and Hold Timing
t
SU
t
H
Hold Step
(V
PEDESTAL)
Hold
Hold
Sample
A0-A4
EN
HVOpamp
t
R/F
Acquisition Window


Similar Part No. - HV257_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV257DB2 SUTEX-HV257DB2 Datasheet
354Kb / 2P
   High Voltage Sample and Hold Array
HV257FG SUTEX-HV257FG Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
HV257X SUTEX-HV257X Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
HV257 SUTEX-HV257_07 Datasheet
1Mb / 13P
   32-Channel High Voltage Sample and Hold Amplifi er Array
More results

Similar Description - HV257_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV257 SUTEX-HV257 Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
HV257 SUTEX-HV257_07 Datasheet
1Mb / 13P
   32-Channel High Voltage Sample and Hold Amplifi er Array
HV257DB2 SUTEX-HV257DB2 Datasheet
354Kb / 2P
   High Voltage Sample and Hold Array
logo
Analog Devices
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
AD684 AD-AD684_15 Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
5962-9201301MEA AD-5962-9201301MEA Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com