Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV254 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV254
Description  32-Channel High Voltage Amplifier Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV254 Datasheet(HTML) 2 Page - Supertex, Inc

  HV254_13 Datasheet HTML 1Page - Supertex, Inc HV254_13 Datasheet HTML 2Page - Supertex, Inc HV254_13 Datasheet HTML 3Page - Supertex, Inc HV254_13 Datasheet HTML 4Page - Supertex, Inc HV254_13 Datasheet HTML 5Page - Supertex, Inc HV254_13 Datasheet HTML 6Page - Supertex, Inc HV254_13 Datasheet HTML 7Page - Supertex, Inc HV254_13 Datasheet HTML 8Page - Supertex, Inc HV254_13 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
HV254
Supertex inc.
www.supertex.com
Doc.# DSFP-HV254
C070813
Operating Conditions
Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
Parameter
Value
V
PP, High voltage supply
275V
V+, Low voltage positive supply
7.0V
V-, Low voltage negative supply
-7.0V
HV
OUT, Output voltage
0V to 275V
V
IN, Analog input signal
0V to 5.0V
Storage temperature range
-65°C to 150°C
Maximum junction temperature
150°C
Sym
Parameter
Min
Typ
Max
Units Conditions
V
PP
High voltage positive supply
50
-
275
V
---
V+
Low voltage positive supply
4.75
5.00
5.25
V
---
V-
Low voltage negative supply
-4.75
-5.00
-5.25
V
---
I
PP
V
PP supply current
1.0
-
2.5
mA
V
PP = 275V. All inputs set at 140mV.
Typically 45µA per channel.
I+
V+ supply current
-
-
1.0
mA
V+ = 5.25V
I-
V- supply current
-
-
-3.0
mA
V- = -5.25V
T
A
Ambient temperature range
-10
-
70
°C
---
T
J
Operating temperature range
-10
-
125
°C
---
Pin Configuration
1
100
Product Marking
100-Lead MQFP
(top view)
100-Lead MQFP
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin
A = Assembler ID
= “Green” Packaging
Top Marking
HV254FG
LLLLLLLLLL
YYWW
CCCCCCCC AAA
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package Option
Packing
HV254FG-G
100-Lead MQFP
66/Tray
Typical Thermal Resistance
Package
θ
ja
100-Lead MQFP
39OC/W
-G denotes a lead (Pb)-free / RoHS compliant package


Similar Part No. - HV254_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV254DB1 SUTEX-HV254DB1 Datasheet
109Kb / 2P
   High Voltage Amplifier Array
HV254FG SUTEX-HV254FG Datasheet
276Kb / 7P
   32-Channel High Voltage Amplifier Array
More results

Similar Description - HV254_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV254 SUTEX-HV254 Datasheet
276Kb / 7P
   32-Channel High Voltage Amplifier Array
HV256 SUTEX-HV256 Datasheet
365Kb / 7P
   32-Channel High Voltage Amplifier Array
HV256 SUTEX-HV256_13 Datasheet
1Mb / 13P
   32-Channel High Voltage Amplifier Array
HV257 SUTEX-HV257 Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
HV257 SUTEX-HV257_13 Datasheet
1Mb / 15P
   32-Channel High Voltage Sample and Hold Amplifier Array
logo
Linear Dimensions Semic...
LND-MA32 LINEAR_DIMENSIONS-LND-MA32 Datasheet
139Kb / 1P
   32 Channel High Voltage Amplifier
logo
Supertex, Inc
HV256 SUTEX-HV256_07 Datasheet
1Mb / 11P
   32-Channel High Voltage Amplifi er Array
HV256DB1 SUTEX-HV256DB1 Datasheet
111Kb / 2P
   High Voltage Amplifier Array
HV254DB1 SUTEX-HV254DB1 Datasheet
109Kb / 2P
   High Voltage Amplifier Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com