Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV230 Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV230
Description  Low Charge Injection, 8-Channel, High Voltage Analog Switches with Bleed Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV230 Datasheet(HTML) 9 Page - Supertex, Inc

  HV230_13 Datasheet HTML 1Page - Supertex, Inc HV230_13 Datasheet HTML 2Page - Supertex, Inc HV230_13 Datasheet HTML 3Page - Supertex, Inc HV230_13 Datasheet HTML 4Page - Supertex, Inc HV230_13 Datasheet HTML 5Page - Supertex, Inc HV230_13 Datasheet HTML 6Page - Supertex, Inc HV230_13 Datasheet HTML 7Page - Supertex, Inc HV230_13 Datasheet HTML 8Page - Supertex, Inc HV230_13 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2013 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
9
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-HV230
C071613
HV230
26-Ball fpBGA Package Outline (GA)
6.00x5.35mm body, 1.20mm height (max), 0.65mm pitch
Symbol
A
A1
A2
Φb
D
D1
E
E1
e
SD
SE
Dimension
(mm)
MIN
0.844
0.18
0.664
0.25
5.90
5.20
BSC
5.25
4.55
BSC
0.65
BSC
0.65
BSC
0.325
BSC
NOM
0.994
0.23
0.764
0.30
6.00
5.35
MAX
1.200
0.28
0.864
0.35
6.10
5.45
Drawings not to scale.
Supertex Doc. #: DSPD-26fpBGAGA, Version A092208.
A
B
C
D
E
F
G
H
Seating
Plane
A2
D
E
e
E1
D1
e
SD
SE
A
A1
Φb
98765432
1
Terminal A1
Corner Index Area
(D/4 x E/4)
Note 1
Note 2
View B
Top View
Side View
Bottom View
View B
Notes:
1.
A Ball A1 identifier must be located in the index area indicated. The Ball A1 identifier can be: a molded mark/identifier; an embedded metal
marker; or a printed indicator.
2.
Corner A1 identifier (actual shape may vary).


Similar Part No. - HV230_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV230B1-G SUTEX-HV230B1-G Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results

Similar Description - HV230_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV232 SUTEX-HV232_13 Datasheet
567Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV230 SUTEX-HV230 Datasheet
380Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV232 SUTEX-HV232 Datasheet
100Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2303 SUTEX-HV2303 Datasheet
851Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301 Datasheet
340Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301_11 Datasheet
815Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2901 SUTEX-HV2901 Datasheet
689Kb / 9P
   Low Charge Injection 32-Channel High Voltage Analog Switch with Bleed Resistors
HV2701 SUTEX-HV2701_07 Datasheet
714Kb / 8P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2761 SUTEX-HV2761 Datasheet
764Kb / 8P
   Low Charge Injection, 24-Channel, High Voltage Analog Switch with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com