Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV219 Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV219
Description  200V Low Charge Injection 8-Channel High Voltage Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV219 Datasheet(HTML) 7 Page - Supertex, Inc

  HV219_13 Datasheet HTML 1Page - Supertex, Inc HV219_13 Datasheet HTML 2Page - Supertex, Inc HV219_13 Datasheet HTML 3Page - Supertex, Inc HV219_13 Datasheet HTML 4Page - Supertex, Inc HV219_13 Datasheet HTML 5Page - Supertex, Inc HV219_13 Datasheet HTML 6Page - Supertex, Inc HV219_13 Datasheet HTML 7Page - Supertex, Inc HV219_13 Datasheet HTML 8Page - Supertex, Inc HV219_13 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
HV219
Supertex inc.
www.supertex.com
Doc.# DSFP-HV219
C070713
Pin Description
48-Lead LQFP
Pin
Name
1
SW5
2
NC
3
SW4
4
NC
5
SW4
6
NC
7
NC
8
SW3
9
NC
10
SW3
11
NC
12
SW2
Pin
Name
13
NC
14
SW2
15
NC
16
SW1
17
NC
18
SW1
19
NC
20
SW0
21
NC
22
SW0
23
NC
24
VPP
Pin
Name
25
VNN
26
NC
27
NC
28
GND
29
VDD
30
NC
31
NC
32
NC
33
DIN
34
CLK
35
LE
36
CLR
Pin
Name
37
DOUT
38
NC
39
SW7
40
NC
41
SW7
42
NC
43
SW6
44
NC
45
SW6
46
NC
47
SW5
48
NC
Pin Description
28-Lead PLCC
Pin
Name
1
SW3
2
SW3
3
SW2
4
SW2
5
SW1
6
SW1
7
SW0
Pin
Name
8
SW0
9
NC
10
VPP
11
NC
12
VNN
13
GND
14
VDD
Pin
Name
15
NC
16
DIN
17
CLK
18
LE
19
CL
20
DOUT
21
SW7
Pin
Name
22
SW7
23
SW6
24
SW6
25
SW5
26
SW5
27
SW4
28
SW4


Similar Part No. - HV219_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV219FG SUTEX-HV219FG Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG SUTEX-HV219FG Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG-G SUTEX-HV219FG-G Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219PJ SUTEX-HV219PJ Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219PJ SUTEX-HV219PJ Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
More results

Similar Description - HV219_13

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com