Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV209 Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV209
Description  12-Channel High Voltage Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV209 Datasheet(HTML) 8 Page - Supertex, Inc

  HV209_13 Datasheet HTML 1Page - Supertex, Inc HV209_13 Datasheet HTML 2Page - Supertex, Inc HV209_13 Datasheet HTML 3Page - Supertex, Inc HV209_13 Datasheet HTML 4Page - Supertex, Inc HV209_13 Datasheet HTML 5Page - Supertex, Inc HV209_13 Datasheet HTML 6Page - Supertex, Inc HV209_13 Datasheet HTML 7Page - Supertex, Inc HV209_13 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2013 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
8
HV209
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-HV209
B070213
48-Lead LQFP Package Outline (FG)
7.00x7.00mm body, 1.60mm height (max), 0.50mm pitch
Symbol
A
A1
A2
b
D
D1
E
E1
e
L
L1
L2
θ
Dimension
(mm)
MIN 1.40*
0.05
1.35
0.17
8.80* 6.80* 8.80* 6.80*
0.50
BSC
0.45
1.00
REF
0.25
BSC
0O
NOM
-
-
1.40
0.22
9.00
7.00
9.00
7.00
0.60
3.5O
MAX
1.60
0.15
1.45
0.27
9.20* 7.20* 9.20* 7.20*
0.75
7O
JEDEC Registration MS-026, Variation BBC, Issue D, Jan. 2001.
* This dimension is not specified in the JEDEC drawing.
Drawings are not to scale.
Supertex Doc. #: DSPD-48LQFPFG Version, D041309.
1
Seating
Plane
Gauge
Plane
θ
L
L1
L2
View B
View B
Seating
Plane
Top View
Side View
Note 1
(Index Area
D1/4 x E1/4)
48
A2
A
A1
b
D
D1
E
E1
e
Note:
1.
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or
a printed indicator.


Similar Part No. - HV209_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV209FG SUTEX-HV209FG Datasheet
54Kb / 8P
   12-Channel High Voltage Analog Switch
HV209FG SUTEX-HV209FG Datasheet
1Mb / 9P
   12-Channel High Voltage Analog Switch
HV209FG-G SUTEX-HV209FG-G Datasheet
1Mb / 9P
   12-Channel High Voltage Analog Switch
HV209X SUTEX-HV209X Datasheet
54Kb / 8P
   12-Channel High Voltage Analog Switch
HV209 SUTEX-HV209_06 Datasheet
1Mb / 9P
   12-Channel High Voltage Analog Switch
More results

Similar Description - HV209_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV209 SUTEX-HV209 Datasheet
54Kb / 8P
   12-Channel High Voltage Analog Switch
HV209 SUTEX-HV209_06 Datasheet
1Mb / 9P
   12-Channel High Voltage Analog Switch
HV20822 SUTEX-HV20822 Datasheet
343Kb / 6P
   16 Channel High Voltage Analog Switch
logo
Monolithic Power System...
MP4816 MPS-MP4816 Datasheet
143Kb / 2P
   16-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20822 SUTEX-HV20822_13 Datasheet
657Kb / 7P
   16-Channel, High Voltage Analog Switch
logo
List of Unclassifed Man...
USH5010 ETC1-USH5010 Datasheet
6Mb / 8P
   HIGH VOLTAGE 8-CHANNEL ANALOG SWITCH
logo
Supertex, Inc
HV2116 SUTEX-HV2116 Datasheet
90Kb / 9P
   8-Channel High Voltage Analog Switch
logo
List of Unclassifed Man...
USH5008 ETC-USH5008 Datasheet
3Mb / 4P
   HIGH VOLTAGE 8 CHANNEL ANALOG SWITCH
logo
Monolithic Power System...
MP4832 MPS-MP4832 Datasheet
189Kb / 2P
   32-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV1816 SUTEX-HV1816 Datasheet
34Kb / 6P
   8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com