Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD200 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD200
Description  MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD200 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65MLVD200 Datasheet HTML 4Page - Texas Instruments SN65MLVD200 Datasheet HTML 5Page - Texas Instruments SN65MLVD200 Datasheet HTML 6Page - Texas Instruments SN65MLVD200 Datasheet HTML 7Page - Texas Instruments SN65MLVD200 Datasheet HTML 8Page - Texas Instruments SN65MLVD200 Datasheet HTML 9Page - Texas Instruments SN65MLVD200 Datasheet HTML 10Page - Texas Instruments SN65MLVD200 Datasheet HTML 11Page - Texas Instruments SN65MLVD200 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SN65MLVD200, SN65MLVD202
SN65MLVD204, SN65MLVD205
MULTIPOINT–LVDS LINE DRIVERS AND RECEIVERS
SLLS463E – SEPTEMBER 2001 – REVISED JUNE 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
receiver switching characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
3
5
6.7
ns
tPHL
Propagation delay time, high-to-low-level output
3
4.6
6.7
ns
tsk(p)
Pulse skew (|tPHL –- tPLH|)
C
5 pF See Figure 10
400
ps
tsk(pp)
Part-to-part skew (see Note 9)
CL = 5 pF, See Figure 10
1.5
ns
tr
Output signal rise time
0.8
1.4
2
ns
tf
Output signal fall time
0.8
1.5
2
ns
tPLH
Propagation delay time, low-to-high-level output
3.4
5.8
9
ns
tPHL
Propagation delay time, high-to-low-level output
3.4
5.4
9
ns
tsk(p)
Pulse skew (|tPHL –- tPLH|)
C
15 pF See Figure 10
400
ps
tsk(pp)
Part-to-part skew (see Note 9)
CL = 15 pF, See Figure 10
2.5
ns
tr
Output signal rise time
1
2
2.6
ns
tf
Output signal fall time
1
1.4
2.6
ns
tPHZ
Propagation delay time, high-level-to-high-impedance
output
4.5
6
15
ns
tPLZ
Propagation delay time, low-level-to-high-impedance
output
See Figure 11
2
3.4
5
ns
tPZH
Propagation delay time, high-impedance-to-high-level
output
See Figure 11
3.5
9.8
15
ns
tPZL
Propagation delay time, high-impedance-to-low-level
output
4
8.7
15
ns
t
Period jitter, rms (1 standard deviation)
50-MHz clock input
Type 1
10
ps
tjit(per)
Period jitter, rms (1 standard deviation)
(see Notes 10 and 11)
50 MHz clock in ut
(see Figure 12)
Type 2
10
ps
t
Cycle to cycle jitter peak (see Notes 10 and 11)
50-MHz clock input
Type 1
93
ps
tjit(cc)
Cycle-to-cycle jitter, peak (see Notes 10 and 11)
50 MHz clock in ut
(see Figure 12)
Type 2
86
ps
t
Peak to peak jitter (see Notes 10 12 and 13)
100 Mbps 215–1 PRBS
Type 1
850
ps
tjit(pp)
Peak-to-peak jitter, (see Notes 10, 12, and 13)
100 Mb s 2
1 PRBS
input (see Figure 12)
Type 2
790
ps
† All typical values are at 25
°C and with a 3.3-V supply voltage.
NOTES:
9. tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both
devices operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
10. Jitter parameters are based on design and characterization. Stimulus system jitter of 11 ps tjit(per), 43 ps tjit(cc), or 54 ps tjit(pp) have
been subtracted from the values.
11. Differential input voltage = 250 mVp–p (Type 1) or 500 mVp–p (Type 2), VCM = 1 V, tr = tf ≤ 1 ns (20% to 80%), measured over 30k
samples.
12. Differential input voltage = 250 mVp–p (Type 1) or 500 mVp–p (Type 2), VCM = 1 V, tr = tf ≤ 1 ns (20% to 80%), measured over 100k
samples.
13. Peak-to-peak jitter includes jitter due to pulse skew (tsk(p)).


Similar Part No. - SN65MLVD200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD200 TI1-SN65MLVD200 Datasheet
1Mb / 31P
[Old version datasheet]   MULTIPOINT?밚VDS LINE DRIVERS AND RECEIVERS
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200AD TI-SN65MLVD200AD Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200AD TI-SN65MLVD200AD Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

Similar Description - SN65MLVD200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD200 TI1-SN65MLVD200_15 Datasheet
1Mb / 31P
[Old version datasheet]   MULTIPOINT?밚VDS LINE DRIVERS AND RECEIVERS
SN65MLVD200B TI1-SN65MLVD200B Datasheet
177Kb / 7P
[Old version datasheet]   Multipoint-LVDS Line Drivers and Receivers With IEC ESD Protection
SN65MLVD206B TI1-SN65MLVD206B Datasheet
1Mb / 36P
[Old version datasheet]   Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD204B TI-SN65MLVD204B Datasheet
2Mb / 50P
[Old version datasheet]   SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD204B TI-SN65MLVD204B_V01 Datasheet
2Mb / 50P
[Old version datasheet]   SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
logo
Pericom Semiconductor C...
PI90LV179 PERICOM-PI90LV179 Datasheet
242Kb / 14P
   3.3V LVDS High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com