Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC6C598 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC6C598
Description  TLC6C598 8-Bit Shift-Register LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6C598 Datasheet(HTML) 1 Page - Texas Instruments

  TLC6C598 Datasheet HTML 1Page - Texas Instruments TLC6C598 Datasheet HTML 2Page - Texas Instruments TLC6C598 Datasheet HTML 3Page - Texas Instruments TLC6C598 Datasheet HTML 4Page - Texas Instruments TLC6C598 Datasheet HTML 5Page - Texas Instruments TLC6C598 Datasheet HTML 6Page - Texas Instruments TLC6C598 Datasheet HTML 7Page - Texas Instruments TLC6C598 Datasheet HTML 8Page - Texas Instruments TLC6C598 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
8-Bit Shift Register
LED Driver
Power Supply
4/3
4/3
Typical Cascade Topology
8-Bit Shift Register
LED Driver
MCU Serial
Interface
8-Bit Shift-
Register
LED Driver
3
8 LED Matrix
´
4/3
I/Os
Power Supply
Typical Scan Topology
MCU Serial
Interface
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLC6C598
SLIS177 – MAY 2016
TLC6C598 8-Bit Shift-Register LED Driver
1
1 Features
1
Wide VCC From 3 V to 5.5 V
Output Maximum Rating of 40 V
Eight Power DMOS Transistor Outputs of 50-mA
Continuous Current With VCC = 5 V or 200-mA
PWM Current With Single-Pulse Duration Less
Than 1 ms and Average Current Less Than
50 mA
Thermal Shutdown Protection
Enhanced Cascading for Multiple Stages
All Registers Cleared With Single Input
Low Power Consumption
Slow Switching Time (tr and tf), Which Helps
Significantly With Reducing EMI
16-Pin TSSOP-PW Package
2 Applications
Appliance Display Panel
Elevator Display Panel
PLC Function Indicator
Seven-Segment Display
3 Description
The TLC6C598 device is a monolithic, medium-
voltage,
low-current
power
8-bit
shift
register
designed for use in systems that require relatively
moderate load power, such as LEDs.
This device contains an 8-bit serial-in, parallel-out
shift register that feeds an 8-bit D-type storage
register. Separate clocks are provided for both the
shift and storage register. Outputs are low-side, open-
drain DMOS transistors with output ratings of 40 V
and 50 mA continuous sink-current OR 200-mA PWM
current with single-pulse duration less than 1 ms and
average current less than 50 mA capabilities when
VCC = 5 V. The device contains built-in thermal
shutdown protection and provides up to 2000 V of
ESD protection when tested using the human-body
model and the 200 V machine model.
The TLC6C598 characterization is for operation over
the operating ambient temperature range of
−40°C to
105°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLC6C598
TSSOP (16)
5.00 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Schematic


Similar Part No. - TLC6C598

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6C598-Q1 TI-TLC6C598-Q1 Datasheet
927Kb / 20P
[Old version datasheet]   Power Logic 8-BIT SHIFT REGISTER LED DRIVER
TLC6C598-Q1 TI1-TLC6C598-Q1 Datasheet
528Kb / 24P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598-Q1 TI1-TLC6C598-Q1_15 Datasheet
1,004Kb / 25P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598-Q1 TI1-TLC6C598-Q1_16 Datasheet
528Kb / 24P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598CQDRQ1 TI1-TLC6C598CQDRQ1 Datasheet
528Kb / 24P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
More results

Similar Description - TLC6C598

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6C598-Q1 TI1-TLC6C598-Q1_15 Datasheet
1,004Kb / 25P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598-Q1 TI1-TLC6C598-Q1_16 Datasheet
528Kb / 24P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598-Q1 TI-TLC6C598-Q1 Datasheet
927Kb / 20P
[Old version datasheet]   Power Logic 8-BIT SHIFT REGISTER LED DRIVER
logo
Rohm
BU2114 ROHM-BU2114 Datasheet
115Kb / 8P
   8-bit shift register and latch driver
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
   8-bit Shift Register
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
   8-BIT SHIFT REGISTER
1996 REV 3
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
   8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
   8-bit Shift Register
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
   8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com