Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC6C598PWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC6C598PWR
Description  TLC6C598 8-Bit Shift-Register LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6C598PWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC6C598PWR Datasheet HTML 2Page - Texas Instruments TLC6C598PWR Datasheet HTML 3Page - Texas Instruments TLC6C598PWR Datasheet HTML 4Page - Texas Instruments TLC6C598PWR Datasheet HTML 5Page - Texas Instruments TLC6C598PWR Datasheet HTML 6Page - Texas Instruments TLC6C598PWR Datasheet HTML 7Page - Texas Instruments TLC6C598PWR Datasheet HTML 8Page - Texas Instruments TLC6C598PWR Datasheet HTML 9Page - Texas Instruments TLC6C598PWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
TLC6C598
SLIS177 – MAY 2016
www.ti.com
Product Folder Links: TLC6C598
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Switching Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time from G to output, low-to-high
level
CL = 30 pF, ID = 48 mA
220
ns
tPHL
Propagation delay time from G to output, high-to-low
level
75
ns
tr
Rise time, drain output
210
ns
tf
Fall time, drain output
128
ns
tpd
Propagation delay time, SRCK
↓ to SER OUT
CL = 30 pF, ID = 48 mA
49.4
ns
tor
SER OUT rise time (10% to 90%)
CL = 30 pF
20
ns
tof
SER OUT fall time (90% to 10%)
CL = 30 pF
20
ns
f(SRCK)
Serial clock frequency
CL = 30 pF, ID = 20 mA
10
MHz
tSRCK_WH
SRCK pulse duration, high
30
ns
tSRCK_WL
SRCK pulse duration, low
30
ns


Similar Part No. - TLC6C598PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6C598-Q1 TI-TLC6C598-Q1 Datasheet
927Kb / 20P
[Old version datasheet]   Power Logic 8-BIT SHIFT REGISTER LED DRIVER
TLC6C598-Q1 TI1-TLC6C598-Q1 Datasheet
528Kb / 24P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598-Q1 TI1-TLC6C598-Q1_15 Datasheet
1,004Kb / 25P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598-Q1 TI1-TLC6C598-Q1_16 Datasheet
528Kb / 24P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598CQDRQ1 TI1-TLC6C598CQDRQ1 Datasheet
528Kb / 24P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
More results

Similar Description - TLC6C598PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6C598-Q1 TI1-TLC6C598-Q1_15 Datasheet
1,004Kb / 25P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598-Q1 TI1-TLC6C598-Q1_16 Datasheet
528Kb / 24P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598-Q1 TI-TLC6C598-Q1 Datasheet
927Kb / 20P
[Old version datasheet]   Power Logic 8-BIT SHIFT REGISTER LED DRIVER
logo
Rohm
BU2114 ROHM-BU2114 Datasheet
115Kb / 8P
   8-bit shift register and latch driver
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
   8-bit Shift Register
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
   8-BIT SHIFT REGISTER
1996 REV 3
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
   8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
   8-bit Shift Register
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
   8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com