Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC6C5912QPWRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC6C5912QPWRQ1
Description  TLC6C5912-Q1 Power Logic 12-Channel Shift Register LED Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6C5912QPWRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC6C5912QPWRQ1 Datasheet HTML 6Page - Texas Instruments TLC6C5912QPWRQ1 Datasheet HTML 7Page - Texas Instruments TLC6C5912QPWRQ1 Datasheet HTML 8Page - Texas Instruments TLC6C5912QPWRQ1 Datasheet HTML 9Page - Texas Instruments TLC6C5912QPWRQ1 Datasheet HTML 10Page - Texas Instruments TLC6C5912QPWRQ1 Datasheet HTML 11Page - Texas Instruments TLC6C5912QPWRQ1 Datasheet HTML 12Page - Texas Instruments TLC6C5912QPWRQ1 Datasheet HTML 13Page - Texas Instruments TLC6C5912QPWRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
SER IN
DRAIN0
DRAIN1
DRAIN2
DRAIN3
GND
SRCK
DRAIN11
DRAIN10
DRAIN4
RCK
SER OUT
CLR
G
D
C1
CLR
D
C1
CLR
D
C1
CLR
D
C1
CLR
D
C1
CLR
D
C1
CLR
D
C1
CLR
D
C1
CLR
D
C1
CLR
D
C1
CLR
D
C1
CLR
D
C1
CLR
D
D
C1
C1
CLR
CLR
D
C1
CLR
10
TLC6C5912-Q1
SLIS141C – DECEMBER 2012 – REVISED JULY 2016
www.ti.com
Product Folder Links: TLC6C5912-Q1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TLC6C5912-Q1 device is a monolithic, medium-voltage, low current 12-bit shift register designed to drive
relatively moderate load power such LEDs. The device contains a 12-bit serial-in, parallel-out shift register that
feeds a 12-bit D-type storage register. Thermal shutdown protection is also built-into the device.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Thermal Shutdown
The device implements an internal thermal shutdown to protect itself if the junction temperature exceeds 175°C
(typical). The thermal shutdown forces the device to have an open state when the junction temperature exceeds
the thermal trip threshold. Once the junction temperature decreases to less than 160°C (typical), the device
begins to operate again.


Similar Part No. - TLC6C5912QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6C5912 TI1-TLC6C5912 Datasheet
938Kb / 23P
[Old version datasheet]   TLC6C5912 12-Channel Shift-Register LED Driver
TLC6C5912PWR TI1-TLC6C5912PWR Datasheet
938Kb / 23P
[Old version datasheet]   TLC6C5912 12-Channel Shift-Register LED Driver
More results

Similar Description - TLC6C5912QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6C5912 TI1-TLC6C5912 Datasheet
938Kb / 23P
[Old version datasheet]   TLC6C5912 12-Channel Shift-Register LED Driver
TLC6C598-Q1 TI1-TLC6C598-Q1_15 Datasheet
1,004Kb / 25P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598-Q1 TI1-TLC6C598-Q1_16 Datasheet
528Kb / 24P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598-Q1 TI-TLC6C598-Q1 Datasheet
927Kb / 20P
[Old version datasheet]   Power Logic 8-BIT SHIFT REGISTER LED DRIVER
TLC6C5816-Q1 TI1-TLC6C5816-Q1 Datasheet
561Kb / 31P
[Old version datasheet]   Power Logic 16-Bit Shift Register LED Driver With Diagnostics
logo
NXP Semiconductors
HEF4894BT118 PHILIPS-HEF4894BT118 Datasheet
204Kb / 19P
   12-stage shift-and-store register LED driver
Rev. 8-22 November 2011
logo
Nexperia B.V. All right...
HEF4894B-Q100 NEXPERIA-HEF4894B-Q100 Datasheet
269Kb / 15P
   12-stage shift-and-store register LED driver
Rev. 2 - 23 November 2021
logo
NXP Semiconductors
HEF4894B PHILIPS-HEF4894B_15 Datasheet
204Kb / 19P
   12-stage shift-and-store register LED driver
Rev. 8-22 November 2011
HEF4894B NXP-HEF4894B Datasheet
557Kb / 19P
   12-stage shift-and-store register LED driver
Rev. 7-13 August 2010
logo
Nexperia B.V. All right...
HEF4894B NEXPERIA-HEF4894B Datasheet
271Kb / 15P
   12-stage shift-and-store register LED driver
Rev. 10 - 23 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com