Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5920DLRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC5920DLRG4
Description  16x8 BIT LED DRIVER/CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5920DLRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TLC5920DLRG4 Datasheet HTML 1Page - Texas Instruments TLC5920DLRG4 Datasheet HTML 2Page - Texas Instruments TLC5920DLRG4 Datasheet HTML 3Page - Texas Instruments TLC5920DLRG4 Datasheet HTML 4Page - Texas Instruments TLC5920DLRG4 Datasheet HTML 5Page - Texas Instruments TLC5920DLRG4 Datasheet HTML 6Page - Texas Instruments TLC5920DLRG4 Datasheet HTML 7Page - Texas Instruments TLC5920DLRG4 Datasheet HTML 8Page - Texas Instruments TLC5920DLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TLC5920
16x8 BIT LED DRIVER/CONTROLLER
SLAS264A – MARCH 2000 REVISED SEPTEMBER 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BLANK
39
I
Blank(light off). By turning all the output for the common driver off, the LED is turned off. When
BLANK is high, the LED is turned off.
COM0 – COM7
4, 3, 2, 1, 47, 46,
45, 44
O
LED common driver output
CSEL0 – 2
38, 36, 35
I
Common driver select. One terminal out of COM0 through COM7 is selected.
2
1
0
Common Driver
LLL
0
LL
H
1
LHL
2
LH
H
3
HL
L
4
HLH
5
HH
L
6
HHH
7
DSEL
33
I
Display select. When DSEL is high, the LED is turned off. Note that, when BLANK is high,
the LED is turned off with no regard to the DSEL input.
DSEL
30
O
Display select output. The inverted data of DSEL is clocked out.
GNDANA
21
Analog ground
GNDLED
5, 43, 48
LED driver ground
GNDLOG
37
Logic ground
IREF
17
I
Constant current control setting. The LED current is set to the desired value by connecting
an external resistor between IREF and GND.
LATCH
41
I
Latch. When LATCH is high, data on the shift register goes through latch. When LATCH is
low, data is latched.
SIN
42
I
Serial input for display
SOUT
32
O
Serial output for display
SCLK
40
I
Synchronous clock input for serial data transfer. The input data of SIN is synchronized to
the rising edge of SCLK, and transferred to SOUT.
S0 – S15
9, 10, 11, 12, 13, 14,
15, 16, 22, 23, 24,
25, 26, 27, 28, 29
O
LED segment driver output
VANA
19
Analog power supply voltage
VLOG
34
Logic power supply voltage
VLED
8, 18, 31
LED driver power supply voltage


Similar Part No. - TLC5920DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5920DL TI-TLC5920DL Datasheet
178Kb / 12P
[Old version datasheet]   16x8 BIT LED DRIVER/CONTROLLER
More results

Similar Description - TLC5920DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5920 TI-TLC5920 Datasheet
178Kb / 12P
[Old version datasheet]   16x8 BIT LED DRIVER/CONTROLLER
logo
Unisonic Technologies
UL22 UTC-UL22 Datasheet
411Kb / 13P
   LED DRIVER CONTROLLER
logo
LDT Co., Ltd
LD1048C LDT-LD1048C Datasheet
450Kb / 28P
   10 bit PWM Controller 48Channel Output LED Driver
logo
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
   48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
logo
LDT Co., Ltd
LD1510 LDT-LD1510 Datasheet
389Kb / 25P
   3Channel Output LED Driver with 12 bit PWM Controller
logo
Linear Technology
LT3797 LINER-LT3797 Datasheet
459Kb / 36P
   Triple Output LED Driver Controller
LT3797 LINER-LT3797_15 Datasheet
459Kb / 36P
   Triple Output LED Driver Controller
logo
Unisonic Technologies
UCL5811 UTC-UCL5811 Datasheet
192Kb / 5P
   PSR & PFC LED DRIVER CONTROLLER
logo
Diodes Incorporated
AL8400 DIODES-AL8400 Datasheet
252Kb / 12P
   0.2V LINEAR LED DRIVER CONTROLLER
DS35115 Rev. 1 - 2
logo
Sanyo Semicon Device
LC7932 SANYO-LC7932 Datasheet
104Kb / 5P
   16-bit LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com