Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6650 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA6650
Description  5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6650 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA6650 Datasheet HTML 7Page - NXP Semiconductors TDA6650 Datasheet HTML 8Page - NXP Semiconductors TDA6650 Datasheet HTML 9Page - NXP Semiconductors TDA6650 Datasheet HTML 10Page - NXP Semiconductors TDA6650 Datasheet HTML 11Page - NXP Semiconductors TDA6650 Datasheet HTML 12Page - NXP Semiconductors TDA6650 Datasheet HTML 13Page - NXP Semiconductors TDA6650 Datasheet HTML 14Page - NXP Semiconductors TDA6650 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
2004 Mar 22
11
Philips Semiconductors
Product specification
5 V mixer/oscillator and low noise PLL synthesizer
for hybrid terrestrial tuner (digital and analog)
TDA6650TT;
TDA6651TT
8.1.2
XTOUT OUTPUT BUFFER AND MODE SETTING
The crystal frequency can be sent to pin XTOUT and used
in the application, for example to drive the clock input of a
digital demodulator, saving a quartz crystal in the bill of
material. To output fxtal, it is necessary to set T[2:0] to 001.
If the output signal on this pin is not used, it is
recommended to disable it, by setting T[2:0] to 000. This
pin is also used to output 1/2fdiv and fcomp in a test mode.
At Power-on, the XTOUT output buffer is set to on,
supplying the fxtal signal. The relation between the signal
on pin XTOUT and the setting of theT[2:0] bits is given in
Table 6.
Table 6
XTOUT buffer status and test modes
Notes
1. Automatic Loop Bandwidth Control (ALBC) is disabled at Power-on reset. After Power-on reset this feature is
enabled by setting T[2:0] = 011. To disable again the ALBC, set T[2:0] = 011 again. This test mode acts like a toggle
switch, which means each time it is set the status of the ALBC changes. To toggle the ALBC, two consecutive Control
byte 1s (CB1), should be sent: one byte with T[2:0] = 011 indicating that ALBC will be switched on or off and one byte
programming the test mode to be selected (see Table 23, example of I2C-bus sequence).
2. This is the default mode at Power-on reset. This mode disables the tuning voltage.
8.1.3
STEP FREQUENCY SETTING
The step frequency is set by three bits, giving five steps to cope with different application requirements.
The reference divider ratio is automatically set depending on bits R2, R1 and R0. The phase detector works at either
4, 2 or 1 MHz.
Table 7 shows the step frequencies and corresponding reference divider ratios. When the value of bits R2, R1 and R0
are changed, it is necessary to re-send the data bytes DB1 and DB2.
Table 7
Reference divider ratio select bits
T2
T1
T0
PIN XTOUT
MODE
0
0
0
disabled
normal mode with XTOUT buffer off
001
fxtal (4 MHz)
normal mode with XTOUT buffer on
010
1/2fdiv
charge pump off
011
fxtal (4 MHz)
switch ALBC on or off (note 1)
100
fcomp
test mode
101
1/2fdiv
test mode
110
fxtal (4 MHz)
charge pump sinking current (note 2)
1
1
1
disabled
charge pump sourcing current
R2
R1
R0
REFERENCE
DIVIDER RATIO
FREQUENCY
COMPARISON
FREQUENCY STEP
0
0
0
2
2 MHz
62.5 kHz
0
0
1
1
4 MHz
142.86 kHz
0
1
0
1
4 MHz
166.67 kHz
0
1
1
4
1 MHz
50 kHz
1
0
0
1
4 MHz
125 kHz
101
−−
reserved
110
−−
reserved
111
−−
reserved


Similar Part No. - TDA6650

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6650ATT NXP-TDA6650ATT Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
TDA6650ATT/C3 NXP-TDA6650ATT/C3 Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
TDA6650ATT/C3/S2 NXP-TDA6650ATT/C3/S2 Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT/C3 NXP-TDA6650TT/C3 Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
More results

Similar Description - TDA6650

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650ATT NXP-TDA6650ATT Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
TDA18273HN NXP-TDA18273HN_11 Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
TDA18272HN NXP-TDA18272HN Datasheet
206Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-11 August 2010
TDA6508 PHILIPS-TDA6508 Datasheet
274Kb / 42P
   3-band mixer/oscillator and PLL for terrestrial tuners
2005 Mar 25
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
NXP Semiconductors
TDA6500 PHILIPS-TDA6500 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com