Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2708J Datasheet(PDF) 4 Page - Texas Instruments

Part # UC2708J
Description  DUAL NON-INVERTING POWER DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2708J Datasheet(HTML) 4 Page - Texas Instruments

  UC2708J Datasheet HTML 1Page - Texas Instruments UC2708J Datasheet HTML 2Page - Texas Instruments UC2708J Datasheet HTML 3Page - Texas Instruments UC2708J Datasheet HTML 4Page - Texas Instruments UC2708J Datasheet HTML 5Page - Texas Instruments UC2708J Datasheet HTML 6Page - Texas Instruments UC2708J Datasheet HTML 7Page - Texas Instruments UC2708J Datasheet HTML 8Page - Texas Instruments UC2708J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
SWITCHING CHARACTERISTICS (see Figure 1)
SWITCHING CHARACTERISTICS (see Figure 1)
UC1708
UC2708
UC3708
SLUS171C – MARCH 1997 – REVISED SEPTEMBER 2007
(VIN = 20V, delays measured to 10% output change.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FROM A,B INPUT TO OUTPUT:
CL = 0pF
25
40
ns
UC1708
25
45
CL = 1000pF
ns
Rise Time Delay (TPLH)
UC2708/UC3708
25
40
UC1708
25
50
CL = 2200pF
ns
UC2708/UC3708
25
45
CL = 0pF
55
75
ns
UC1708
25
80
CL = 1000pF(1)
ns
10% to 90% Rise (TTLH)
UC2708/UC3708
25
50
UC1708
40
85
CL = 2200pF
ns
UC2708/UC3708
40
55
CL = 0pF
25
40
Fall Time Delay (TPHL)
CL = 1000pF(1)
25
45
ns
CL = 2200pF
35
50
CL = 0pF
15
20
90% to 10% Fall (TTHL)
CL = 1000pF(1)
25
45
ns
CL = 2200pF
40
55
(1)
These parameters, specified at 1000pF, although ensured over recommended operating conditions, are not tested in production.
(VIN = 20V, delays measured to 10% output change.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FROM SHUTDOWN INPUT TO OUTPUT:
CL = 0pF
25
75
ns
UC1708
30
80
CL = 1000pF(1)
ns
Rise Time Delay (TPLH)
UC2708/UC3708
30
75
UC1708
35
85
CL = 2200pF
ns
UC2708/UC3708
35
75
CL = 0pF
50
75
ns
UC1708
25
80
CL = 1000pF(1)
ns
10% to 90% Rise (TTLH)
UC2708/UC3708
25
50
UC1708
40
85
CL = 2200pF
ns
UC2708/UC3708
40
55
CL = 0pF
25
45
Fall Time Delay (TPHL)
CL = 1000pF(1)
30
50
ns
CL = 2200pF
35
55
CL = 0pF
25
20
90% to 10% Fall (TTHL)
CL = 1000pF(1)
25
45
ns
CL = 2200pF
40
55
F = 200kHz, 50% duty cycle, both channels; CL = 0pF
23
25
Total Supply Current
mA
F = 200kHz, 50% duty cycle, both channels; CL = 2200pF
38
45
(1)
These parameters, specified at 1000pF, although ensured over recommended operating conditions, are not tested in production.
4
Submit Documentation Feedback
Copyright © 1997–2007, Texas Instruments Incorporated
Product Folder Link(s): UC1708 UC2708 UC3708


Similar Part No. - UC2708J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2708J TI-UC2708J Datasheet
486Kb / 13P
[Old version datasheet]   Dual Non-Inverting Power Driver
UC2708J TI-UC2708J Datasheet
578Kb / 16P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
UC2708JE TI-UC2708JE Datasheet
486Kb / 13P
[Old version datasheet]   Dual Non-Inverting Power Driver
UC2708JE TI-UC2708JE Datasheet
578Kb / 16P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
More results

Similar Description - UC2708J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1708 TI-UC1708_08 Datasheet
578Kb / 16P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
UC1708 TI-UC1708 Datasheet
221Kb / 5P
[Old version datasheet]   Dual Non-Inverting Power Driver
UC1708J883B TI-UC1708J883B Datasheet
486Kb / 13P
[Old version datasheet]   Dual Non-Inverting Power Driver
logo
Microsemi Corporation
APTRG8A120G MICROSEMI-APTRG8A120G Datasheet
249Kb / 4P
   Dual IGBT Isolated Driver (Non Inverting)
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
Fairchild Semiconductor
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
   Hex Non-Inverting Driver
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
   Hex Non-Inverting Driver
logo
ON Semiconductor
NLU2G16 ONSEMI-NLU2G16_16 Datasheet
70Kb / 7P
   Dual Non-Inverting Buffer
July, 2016 ??Rev. 6
NLU2G16 ONSEMI-NLU2G16 Datasheet
98Kb / 8P
   Dual Non-Inverting Buffer
March, 2008 - Rev. 2
NLU2G16 ONSEMI-NLU2G16_12 Datasheet
135Kb / 10P
   Dual Non-Inverting Buffer
July, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com