Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5926-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC5926-Q1
Description  TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5926-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5926-Q1_16 Datasheet HTML 2Page - Texas Instruments TLC5926-Q1_16 Datasheet HTML 3Page - Texas Instruments TLC5926-Q1_16 Datasheet HTML 4Page - Texas Instruments TLC5926-Q1_16 Datasheet HTML 5Page - Texas Instruments TLC5926-Q1_16 Datasheet HTML 6Page - Texas Instruments TLC5926-Q1_16 Datasheet HTML 7Page - Texas Instruments TLC5926-Q1_16 Datasheet HTML 8Page - Texas Instruments TLC5926-Q1_16 Datasheet HTML 9Page - Texas Instruments TLC5926-Q1_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
TLC5926-Q1, TLC5927-Q1
SLVS973A – SEPTEMBER 2009 – REVISED JULY 2015
www.ti.com
Electrical Characteristics: VDD = 3 V (continued)
VDD = 3 V, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Overtemperature
Tsd
150
175
200
°C
shutdown(2)
Restart temperature
Thys
15
°C
hysteresis
Threshold current for
IOUT,Th
IOUT,target = 5 mA to 120 mA
0.5 × Itarget%
open error detection
Trigger threshold
voltage for short-error
VOUT,TTh
IOUT,target = 5 mA to 120 mA
2.3
2.6
3.2
V
detection
(TLC5927 only)
Return threshold voltage
VOUT, RTh
for short-error detection
IOUT,target = 5 mA to 120 mA
1.9
V
(TLC5927 only)
OUT0–OUT15 = off, Rext = Open, OE = VIH
10
OUT0–OUT15 = off, Rext = 720 Ω, OE = VIH
14
OUT0–OUT15 = off, Rext = 360 Ω, OE = VIH
18
IDD
Supply current
OUT0–OUT15 = off, Rext = 180 Ω, OE = VIH
20
mA
OUT0–OUT15 = on, Rext = 720 Ω, OE = VIL
14
OUT0–OUT15 = on, Rext = 360 Ω, OE = VIL
18
OUT0–OUT15 = on, Rext = 180 Ω, OE = VIL
20
7.6 Electrical Characteristics: VDD = 5.5 V
VDD = 5.5 V, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage to the
VO
17
V
output pins
VO ≥ 0.6 V
5
IO
Output current
mA
VO ≥ 1 V
120
VIH
High-level input voltage
0.7 × VDD
VDD
V
VIL
Low-level input voltage
GND
0.3 × VDD
TJ = 25°C
0.5
TLC5926, VOH = 17 V
TJ = 125°C
1
Ileak
Output leakage current
μA
TJ = 25°C
0.5
TLC5927, VOH = 17 V
TJ = 125°C
5
VOH
High-level output voltage SDO, IOL = –1 mA
VDD – 0.4
V
VOL
Low-level output voltage
SDO, IOH = 1 mA
0.4
V
Output current 1
VOUT = 0.6 V, Rext = 720 Ω, CG = 0.992
26
mA
Output current error, die-
IOL = 26 mA, VO = 0.6 V, Rext = 720 Ω, TJ = 25°C
±6%
IO(1)
(1) (1)
to-die
Output current error,
IOL = 26 mA, VO = 0.6 V, Rext = 720 Ω, TJ = 25°C
±6%
channel-to-channel
Output current 2
VO = 0.8 V, Rext = 360 Ω, CG = 0.992
52
mA
Output current error, die-
IOL = 52 mA, VO = 0.8 V, Rext = 360 Ω, TJ = 25°C
±6%
IO(2)
(1) (2)
to-die
Output current error,
IOL = 52 mA, VO = 0.8 V, Rext = 360 Ω, TJ = 25°C
±6%
channel-to-channel
(1)
Typical values represent the likely parametric nominal values determined at the time of characterization. Typical values depend on the
application and configuration and may vary over time. Typical values are not ensured on production material.
(2)
Specified by design
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TLC5926-Q1 TLC5927-Q1


Similar Part No. - TLC5926-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results

Similar Description - TLC5926-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com