Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5928PWPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5928PWPR
Description  16-Channel, Constant-Current LED Driver with LED Open Detection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5928PWPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5928PWPR Datasheet HTML 7Page - Texas Instruments TLC5928PWPR Datasheet HTML 8Page - Texas Instruments TLC5928PWPR Datasheet HTML 9Page - Texas Instruments TLC5928PWPR Datasheet HTML 10Page - Texas Instruments TLC5928PWPR Datasheet HTML 11Page - Texas Instruments TLC5928PWPR Datasheet HTML 12Page - Texas Instruments TLC5928PWPR Datasheet HTML 13Page - Texas Instruments TLC5928PWPR Datasheet HTML 14Page - Texas Instruments TLC5928PWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
100000
10000
1000
0
5
10
15
20
35
OutputCurrent(mA)
25
1440
5040
3360
2520
1680
25200
10080
30
2016
4000
3000
2000
1000
0
-
40
-
20
0
20
40
60
80
Free-AirTemperature( C)
°
100
TLC5928PW
TLC5928DBQ
TLC5928PWP
TLC5928RGE
40
35
30
25
20
15
10
5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
OutputVoltage(V)
T =+25 C
°
A
I =35mA
O
I =30mA
O
I =20mA
O
I =10mA
O
I =5mA
O
I =2mA
O
40
39
38
37
36
35
34
33
32
31
30
0
0.5
1.0
1.5
2.0
2.5
3.0
OutputVoltage(V)
I =30mA
O
T = 40
-
°
C
A
T =+25 C
°
A
T =+85 C
°
A
4
3
2
1
0
1
2
3
4
-
-
-
-
-
40
-
20
0
20
40
60
80
100
AmbientTemperature( C)
°
I =35mA
O
V
=5V
CC
V
=3.3V
CC
4
3
2
1
0
1
2
3
4
-
-
-
-
0
10
20
30
40
OutputCurrent(mA)
T =+25 C
°
A
V
=5V
CC
V
=3.3V
CC
TLC5928
www.ti.com
SBVS120E
– JULY 2008 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS
At VCC = 3.3 V and TA = +25°C, unless otherwise noted.
REFERENCE RESISTOR
POWER DISSIPATION RATE
vs OUTPUT CURRENT
vs FREE-AIR TEMPERATURE
Figure 10.
Figure 11.
OUTPUT CURRENT vs
OUTPUT CURRENT vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 12.
Figure 13.
ΔIOLC vs AMBIENT TEMPERATURE
ΔIOLC vs OUTPUT CURRENT
Figure 14.
Figure 15.
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLC5928


Similar Part No. - TLC5928PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928PWPR TI-TLC5928PWPR Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928PWPR TI-TLC5928PWPR Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928PWPR TI1-TLC5928PWPR Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928PWPRG4 TI1-TLC5928PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
More results

Similar Description - TLC5928PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Allegro MicroSystems
A6285 ALLEGRO-A6285 Datasheet
545Kb / 13P
   16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Silicon Touch Technolog...
DM412 SITI-DM412 Datasheet
1Mb / 35P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
Texas Instruments
TLC5952 TI-TLC5952 Datasheet
943Kb / 33P
[Old version datasheet]   24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com