Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4154 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # 1N4154
Description  SMALL SIGNAL SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

1N4154 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  1N4154 Datasheet HTML 1Page - Diode Semiconductor Korea 1N4154 Datasheet HTML 2Page - Diode Semiconductor Korea 1N4154 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10S
1
10
100
V=tp/T
0.1
A
-1
10
IFRM
tp
-2
10
-3
10
-5
10
n=0
0.1
0.2
0.5
T=1/fp
tp
IFRM
T
-4
10
1
TJ=100
TJ=25
-2
10
-1
10
1
10
3
10
mA
IF
VF
2
10
01
2V
200
400
600
800
0
100
200℃
1000
100
300
700
500
900
0
mW
Ptot
TA
FIG.1 -- ADMISSIBLE POWER DISSIPATION
NNNNNN
VERSUS AMBIENT TEMPERATURE
FIG.2 -- FORWARD CHARACTERISTICS
1N4154
FIG.3 -- ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - 1N4154

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4154 VISHAY-1N4154 Datasheet
39Kb / 4P
   Silicon Epitaxial Planar Diode
Rev. 1.8, 16-Feb-07
logo
List of Unclassifed Man...
1N4154 ETC1-1N4154 Datasheet
266Kb / 6P
   silicon diode
logo
EIC discrete Semiconduc...
1N4154 EIC-1N4154 Datasheet
128Kb / 2P
   HIGH SPEED SWITCHING DIODE
logo
Semtech Corporation
1N4154 SEMTECH-1N4154 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1N4154 BILIN-1N4154 Datasheet
332Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - 1N4154

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com