Electronic Components Datasheet Search |
|
TLC5943PWPR Datasheet(PDF) 4 Page - Texas Instruments |
|
|
TLC5943PWPR Datasheet(HTML) 4 Page - Texas Instruments |
4 / 40 page www.ti.com ELECTRICAL CHARACTERISTICS D (%)= I OUTn - 1 (I +I +...+I ) OUT0 OUT1 OUT15 16 ´ 100 . D (%)= IdealOutputCurrent - (IdealOutputCurrent) (I +I +...I +I ) OUT0 OUT1 OUT14 OUT15 16 ´ 100 I =41 ´ OUT(IDEAL) 1.20 R IREF 100 (I atV =3.0V) OUTn CC (I atV =5.5V) (I atV =3.0V) OUTn CC OUTn CC - 5.5V 3V - D (%/V)= ´ 100 3V 1V - ´ (I atV =1V) OUTn OUTn (I atV =3V) (I atV =1V) - OUTn OUTn OUTn OUTn D (%/V)= TLC5943 SBVS101 – DECEMBER 2007 At VCC = 3.0 V to 5.5 V, and TA = –40°C to +85°C. Typical values at VCC = 3.3 V and TA = +25°C, unless otherwise noted. TLC5943 PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VOH High-level output voltage IOH = –1 mA at SOUT VCC – 0.4 VCC V IOL = 1 mA at SOUT 0 0.4 V VOL Low-level output voltage IOL = 5 mA at XERR 0.4 V VIN = VCC or GND at SIN, SCLK, GSCLK, XLAT, IIN Input current –1 1 µA BLANK, BCSEL SIN/SCLK/GSCLK/XLAT/BCSEL = low, BLANK = high, ICC1 1 3 mA GSn = FFFFh, BCn = 7Fh, VOUTn = 1 V, RIREF = 10 kΩ SIN/SCLK/GSCLK/XLAT/BCSEL = low, BLANK = high, ICC2 4 8 mA GSn = FFFFh, BCn = 7Fh, VOUTn = 1 V, RIREF = 2 kΩ SCLK/GSCLK = 30 MHz, SIN = 15MHz, XLAT/BCSEL/BLANK = low, Supply current (VCC) ICC3 14 30 mA GSn = FFFFh, BCn = 7Fh, Auto Repeat on, VOUTn = 1 V, RIREF = 2 kΩ (1) SCLK/GSCLK = 30 MHz, SIN = 15MHz, XLAT/BCSEL/BLANK = low, ICC4 27 50 mA GSn = FFFFh, BCn = 7Fh, Auto Repeat on, VOUTn = 1 V, RIREF = 1 kΩ (1) All OUTn = ON, BCn = 7Fh, VOUTn = 1 V, IO(LC) Constant output current 43 49 55 mA VOUTfix = 1 V, RIREF = 1 kΩ BLANK = high, RIREF = 1 kΩ, VOUTn = 17 V, IO(LKG1) Leakage output current 0.1 µA At OUT0 to OUT15 IO(LKG2) Leakage output current No error condition, VXERR = 5.5 V, at XERR 1 µA Constant current error All OUTn = ON, BCn = 7Fh, VOUTn = 1 V, ΔIO(LC) ±1.5 ±4 % (pin-to-pin)(1) VOUTfix = 1 V, RIREF = 1 kΩ, at OUT0 to OUT15 Constant current error All OUTn = ON, BCn = 7Fh, VOUTn = 1 V, ΔIO(LC1) ±3 ±9 % (device-to-device)(2) VOUTfix = 1 V, RIREF = 1 kΩ All OUTn = ON, BCn = 7Fh, VOUTn = 1 V, ΔIO(LC2) Line regulation(3) ±1 ±4 %/V VOUTfix = 1 V, RIREF = 1 kΩ, at OUT0 to OUT15 All OUTn = ON, DCn = 7Fh, VOUTn = 1 V to 3 V, ΔIO(LC3) Load regulation(4) ±1 ±3 %/V VOUTfix = 1 V, RIREF = 1 kΩ, at OUT0 to OUT15 T(TEF) Thermal error flag threshold Junction temperature(5) +150 +162 +175 °C T(HYS) Thermal error hysteresis Junction temperature(5) +5 +10 +20 °C VLOD LED open detection threshold All OUTn = ON 0.2 0.3 0.4 V VIREF Reference voltage output RIREF = 1 kΩ 1.16 1.20 1.24 V (1) The deviation of each output from the average of OUT0–OUT15 constant current. Deviation is calculated by the formula: (2) The deviation of the OUT0–OUT15 constant current average from the ideal constant current value. Deviation is calculated by the following formula: Ideal current is calculated by the formula: (3) Line regulation is calculated by this equation: (4) Load regulation is calculated by the equation: (5) Not tested. Specified by design. 4 Submit Documentation Feedback Copyright © 2007, Texas Instruments Incorporated Product Folder Link(s): TLC5943 |
Similar Part No. - TLC5943PWPR |
|
Similar Description - TLC5943PWPR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |