Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5958RTQT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5958RTQT
Description  TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5958RTQT Datasheet(HTML) 5 Page - Texas Instruments

  TLC5958RTQT Datasheet HTML 1Page - Texas Instruments TLC5958RTQT Datasheet HTML 2Page - Texas Instruments TLC5958RTQT Datasheet HTML 3Page - Texas Instruments TLC5958RTQT Datasheet HTML 4Page - Texas Instruments TLC5958RTQT Datasheet HTML 5Page - Texas Instruments TLC5958RTQT Datasheet HTML 6Page - Texas Instruments TLC5958RTQT Datasheet HTML 7Page - Texas Instruments TLC5958RTQT Datasheet HTML 8Page - Texas Instruments TLC5958RTQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TLC5958
www.ti.com
SLVSCE7A – MAY 2014 – REVISED SEPTEMBER 2014
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
VCC
(2)
Supply voltage
VCC
0.3
6.0
V
IOUT
Output current (dc)
OUTx0 to OUTx15, x=R, G, B
30
mA
VIN
(2)
Input voltage
SIN, SCLK, LAT, GCLK, IREF
–0.3
VCC+0.3
V
SOUT
–0.3
VCC+0.3
VOUT
(2)
Output voltage
V
OUTx0 to OUTx15, x=R, G, B
–0.3
11
TJ(MAX)
Operating junction temperature
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to device ground terminal.
8.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–55
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
0
4000
pins(2)
Electrostatic
V(ESD)
(1)
V
discharge
Charged device model (CDM), per JEDEC specification
0
1000
JESD22-C101, all pins(3)
(1)
Electrostatic discharge (ESD) measures device sensitivity and immunity to damage caused by assembly line electrostatic discharges
into the device.
(2)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows
safe manufacturing with a standard ESD control process.
(3)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
At TA = –40°C to +85°C, unless otherwise noted
MIN
NOM
MAX
UNIT
DC CHARACTERISTICS, VCC=3V to 5.5V
VCC
Supply voltage
3
5.5
V
VO
Voltage applied to output
OUTx0 to OUTx15, x=R, G, B
10
V
VIH
High level input voltage
SIN,SCLK,LAT,GCLK
0.7×VCC
VCC
V
VIL
Low level input voltage
SIN,SCLK,LAT,GCLK
GND
0.3×VCC
V
IOH
High level output current
SOUT
-2
mA
IOL
Low level output current
SOUT
2
mA
OUTx0 to OUTx15, x=R, G, B,
20
3V
≤ VCC ≤ 3.6V
IOLC
Constant output sink current
mA
OUTx0 to OUTx15, x=R, G, B,
25
4V < VCC
≤ 5.5V
TA
Operating free air temperature
–40
85
°C
TJ
Operation junction temperature
-40
125
°C
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TLC5958RTQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC59581RTQR TI1-TLC59581RTQR Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC59581RTQT TI1-TLC59581RTQT Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC59582 TI1-TLC59582 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC59582RTQR TI1-TLC59582RTQR Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
More results

Similar Description - TLC5958RTQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5957 TI1-TLC5957 Datasheet
1,004Kb / 25P
[Old version datasheet]   TLC5957 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED OPEN Detection and Caterpillar Cancelling
TLC6946 TI1-TLC6946_19 Datasheet
2Mb / 35P
[Old version datasheet]   16-Channel 32-, 48-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC6946 TI1-TLC6946 Datasheet
328Kb / 27P
[Old version datasheet]   16-Channel 32-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5924 TI-TLC5924 Datasheet
742Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5955 TI1-TLC5955 Datasheet
1Mb / 53P
[Old version datasheet]   TLC5955 48-Channel, 16-Bit, PWM LED Driver with DC, BC, LED Open-Short Detection, and Internal Current Setting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com