Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5973DR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5973DR
Description  TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5973DR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5973DR Datasheet HTML 7Page - Texas Instruments TLC5973DR Datasheet HTML 8Page - Texas Instruments TLC5973DR Datasheet HTML 9Page - Texas Instruments TLC5973DR Datasheet HTML 10Page - Texas Instruments TLC5973DR Datasheet HTML 11Page - Texas Instruments TLC5973DR Datasheet HTML 12Page - Texas Instruments TLC5973DR Datasheet HTML 13Page - Texas Instruments TLC5973DR Datasheet HTML 14Page - Texas Instruments TLC5973DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Command
Decoder (3AAh)
Interface
Control
12
3
Upper 12 Bits
SDO
GND
48-Bit Shift Register
36-Bit GS Data Latch
GS Clock
Counter
3-Channel Constant Sink Current Driver
Switching Delay
LSB
MSB
0
47
LSB
MSB
0
35
VCC
SDI
36
OUT2
UVLO
Shunt
Regulator
reset
Internal
Oscillator
12-Bit PWM Timing Control
OUT0
OUT1
VCC
sin
sclk
12 MHz
3
Lower 36 Bits
IREF
reset
Pulse
Generator
reset
gslat
outen
TLC5973
www.ti.com
SBVS225B – MARCH 2013 – REVISED MAY 2014
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Grayscale (GS) Control
This control feature is a 12-bit (4096-step) grayscale (GS) control that provides a wide range of color generation.
68 billion colors can be generated with the red, green, and blue LEDs. Connect the LEDs to the device OUTn
pins, as described in the Applications and Implementation section.
8.3.2 EasySet and Shunt Regulator
This device includes a single-wire serial interface (EasySet) and a shunt regulator. The total number of wires for
power supply and data write operations can be reduced with the EasySet and shunt regulator included in the
design.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLC5973


Similar Part No. - TLC5973DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5973DR TI1-TLC5973DR Datasheet
360Kb / 27P
[Old version datasheet]   3-Channel, 12-Bit, PWM Constant-Current LED Driver
More results

Similar Description - TLC5973DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59731 TI-TLC59731 Datasheet
428Kb / 24P
[Old version datasheet]   3-Channel, 8-Bit, PWM LED Driver with Single-Wire Interface (EasySet)
TLC5973D TI1-TLC5973D Datasheet
360Kb / 27P
[Old version datasheet]   3-Channel, 12-Bit, PWM Constant-Current LED Driver
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
A6281 ALLEGRO-A6281 Datasheet
308Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
A6280_V ALLEGRO-A6280_V Datasheet
327Kb / 13P
   3-Channel Constant-Current LED Driver with Programmable PWM Control
A6281EESTR-T ALLEGRO-A6281EESTR-T Datasheet
263Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
logo
WORLDSEMI CO., LIMITED
WS2801 WORLDSEMI-WS2801 Datasheet
373Kb / 15P
   3-Channel Constant Current LED Driver With Programmable PWM Outputs
logo
Toshiba Semiconductor
TB62D787FTG TOSHIBA-TB62D787FTG Datasheet
643Kb / 34P
   24-channel constant current LED driver with single wire
TB62D786FTG TOSHIBA-TB62D786FTG Datasheet
661Kb / 28P
   9-channel constant current LED driver with single wire
logo
ON Semiconductor
CAT4109V-GT2 ONSEMI-CAT4109V-GT2 Datasheet
176Kb / 11P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
Doc. No. MD-5042, Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com