Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV225XA-EP Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV225XA-EP
Description  Advanced LinCMOS RAIL-TO-RALIL VERY-LOW-POWER OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV225XA-EP Datasheet(HTML) 2 Page - Texas Instruments

  TLV225XA-EP Datasheet HTML 1Page - Texas Instruments TLV225XA-EP Datasheet HTML 2Page - Texas Instruments TLV225XA-EP Datasheet HTML 3Page - Texas Instruments TLV225XA-EP Datasheet HTML 4Page - Texas Instruments TLV225XA-EP Datasheet HTML 5Page - Texas Instruments TLV225XA-EP Datasheet HTML 6Page - Texas Instruments TLV225XA-EP Datasheet HTML 7Page - Texas Instruments TLV225XA-EP Datasheet HTML 8Page - Texas Instruments TLV225XA-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TLV225xEP, TLV225xAEP
Advanced LinCMOS RAILTORAIL
VERY LOW POWER OPERATIONAL AMPLIFIERS
SGLS217B − NOVEMBER 2003 − REVISED JUNE 2006
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
The TLV2252/2254 also make great upgrades to the TLV2322/2424 in standard designs. They offer increased
output dynamic range, lower noise voltage, and lower input offset voltage. This enhanced feature set allows
them to be used in a wider range of applications. For applications that require higher output drive and wider input
voltage range, see the TLV2432 and TLV2442 devices. If your design requires single amplifiers, please see the
TLV2211/21/31 family. These devices are single rail-to-rail operational amplifiers in the SOT-23 package. Small
size and low power consumption make them ideal for high density, battery-powered equipment.
ORDERING INFORMATION
TA
VIOmax
AT 25
°C
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
850 V
SOIC (D)
Tape and reel
TLV2252AQDREP
2252AE
850
µV
TSSOP (PW)
Tape and reel
TLV2252AQPWREP‡
1500 V
SOIC (D)
Tape and reel
TLV2252QDREP
2252EP
−40
°C to 125°C
1500
µV
TSSOP (PW)
Tape and reel
TLV2252QPWREP‡
−40
°C to 125°C
850 V
SOIC (D)
Tape and reel
TLV2254AQDREP
TLV2254AEP
850
µV
TSSOP (PW)
Tape and reel
TLV2254AQPWREP‡
1500 V
SOIC (D)
Tape and reel
TLV2254QDREP
TLV2254EP
1500
µV
TSSOP (PW)
Tape and reel
TLV2254QPWREP‡
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available
at www.ti.com/sc/package.
Product preview
TLV2252, TLV2252A
D OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
VDD−/GND
VDD+
2OUT
2IN −
2IN +
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN −
1IN +
VDD+
2IN +
2IN −
2OUT
4OUT
4IN −
4IN +
VDD−/GND
3IN +
3IN −
3OUT
TLV2254, TLV2254A
D PACKAGE
(TOP VIEW)
TLV2254, TLV2254A
PW PACKAGE
(TOP VIEW)
1
14
8
7
4OUT
4IN −
4IN +
VDD −/GND
3IN +
3IN −
3OUT
1OUT
1IN −
1IN +
VDD+
2IN +
2IN −
2OUT


Similar Part No. - TLV225XA-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV225XA-Q1 TI1-TLV225XA-Q1 Datasheet
735Kb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV225XA-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225X-EP TI1-TLC225X-EP_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252-EP TI1-TLC2252-EP Datasheet
999Kb / 38P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV225X-Q1 TI1-TLV225X-Q1 Datasheet
735Kb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV255X TI-TLV255X Datasheet
1Mb / 53P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2252-Q1 TI1-TLV2252-Q1 Datasheet
695Kb / 36P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_07 Datasheet
1Mb / 73P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_08 Datasheet
1Mb / 74P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-Q1 TI-TLC225X-Q1 Datasheet
706Kb / 35P
[Old version datasheet]   advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI1-TLC225X_16 Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_01 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced LinCMOS TM RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com