Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2264QD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2264QD
Description  Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2264QD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2264QD Datasheet HTML 3Page - Texas Instruments TLV2264QD Datasheet HTML 4Page - Texas Instruments TLV2264QD Datasheet HTML 5Page - Texas Instruments TLV2264QD Datasheet HTML 6Page - Texas Instruments TLV2264QD Datasheet HTML 7Page - Texas Instruments TLV2264QD Datasheet HTML 8Page - Texas Instruments TLV2264QD Datasheet HTML 9Page - Texas Instruments TLV2264QD Datasheet HTML 10Page - Texas Instruments TLV2264QD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
TLV226x, TLV226xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS186C − FEBRUARY 1997 − REVISED AUGUST 2006
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV2262I electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise
noted) (continued)
PARAMETER
TEST CONDITIONS
TA†
TLV2262I
TLV2262AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IDD
Supply current
VO = 1.5 V,
No load
25
°C
400
500
400
500
µA
IDD
Supply current
VO = 1.5 V,
No load
Full range
500
500
µA
† Full range is − 40°C to 125°C.
TLV2262I operating characteristics at specified free-air temperature, VDD = 3 V
PARAMETER
TEST CONDITIONS
TA†
TLV2262I
TLV2262AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VO = 1.1 V to 1.9 V,
RL = 50 kه,
25
°C
0.35
0.55
0.35
0.55
SR
Slew rate at unity gain
VO = 1.1 V to 1.9 V,
CL = 100 pF‡
RL = 50 kه,
Full
0.3
0.3
V/
µs
SR
Slew rate at unity gain
CL = 100 pF‡
Full
range
0.3
0.3
V/
µs
Vn
Equivalent input noise
f = 10 Hz
25
°C
43
43
nV/
√Hz
Vn
Equivalent input noise
voltage
f = 1 kHz
25
°C
12
12
nV/
√Hz
VN(PP)
Peak-to-peak
equivalent input
f = 0.1 Hz to 1 Hz
25
°C
0.6
0.6
V
VN(PP)
equivalent input
noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1
1
µV
In
Equivalent input noise
current
25
°C
0.6
0.6
fA /
√Hz
THD + N
Total harmonic
VO = 0.5 V to 2.5 V,
f = 20 kHz,
AV = 1
25
°C
0.03%
0.03%
THD + N
Total harmonic
distortion plus noise
O
f = 20 kHz,
RL = 50 kه
AV = 10
25
°C
0.05%
0.05%
Gain-bandwidth
f = 1 kHz,
RL = 50 kه,
25
°C
0.67
0.67
MHz
Gain-bandwidth
product
f = 1 kHz,
CL = 100 pF‡
RL = 50 kه,
25
°C
0.67
0.67
MHz
BOM
Maximum
output-swing
VO(PP) = 1 V,
AV = 1,
25
°C
395
395
kHz
BOM
output-swing
bandwidth
VO(PP) = 1 V,
RL = 50 kه,
AV = 1,
CL = 100 pF‡
25
°C
395
395
kHz
AV = − 1,
To 0.1%
5.6
5.6
ts
Settling time
AV = − 1,
Step = 1 V to 2 V,
To 0.1%
25
°C
5.6
5.6
s
ts
Settling time
Step = 1 V to 2 V,
RL = 50 kه,
C = 100 pF‡
To 0.01%
25
°C
12.5
12.5
µs
RL = 50 kه,
CL = 100 pF‡
To 0.01%
12.5
12.5
φm
Phase margin at
unity gain
RL = 50 kه,
CL = 100 pF‡
25
°C
55
°
55
°
Gain margin
RL = 50 kه,
CL = 100 pF‡
25
°C
11
11
dB
† Full range is − 40°C to 125°C.
‡ Referenced to 1.5 V


Similar Part No. - TLV2264QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2264QD TI-TLV2264QD Datasheet
817Kb / 51P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2264QD TI-TLV2264QD Datasheet
1Mb / 55P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TLV2264QD STMICROELECTRONICS-TLV2264QD Datasheet
1Mb / 55P
   ADVANCED LINCOMS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2264QD TI-TLV2264QD Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2264QD TI-TLV2264QD Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2264QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV226X TI-TLV226X Datasheet
817Kb / 51P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274ACPW TI-TLC2274ACPW Datasheet
816Kb / 52P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X Datasheet
816Kb / 52P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2872Z TI1-TLC2872Z Datasheet
260Kb / 17P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
TLC2872 TI1-TLC2872 Datasheet
260Kb / 17P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
TLV2711 TI-TLV2711 Datasheet
551Kb / 28P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2211 TI-TLV2211 Datasheet
529Kb / 29P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2231 TI-TLV2231 Datasheet
585Kb / 27P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2731 TI-TLV2731 Datasheet
631Kb / 28P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X Datasheet
926Kb / 57P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com