Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2264AIN Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2264AIN
Description  Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2264AIN Datasheet(HTML) 1 Page - Texas Instruments

  TLV2264AIN Datasheet HTML 1Page - Texas Instruments TLV2264AIN Datasheet HTML 2Page - Texas Instruments TLV2264AIN Datasheet HTML 3Page - Texas Instruments TLV2264AIN Datasheet HTML 4Page - Texas Instruments TLV2264AIN Datasheet HTML 5Page - Texas Instruments TLV2264AIN Datasheet HTML 6Page - Texas Instruments TLV2264AIN Datasheet HTML 7Page - Texas Instruments TLV2264AIN Datasheet HTML 8Page - Texas Instruments TLV2264AIN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
TLV226x, TLV226xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS186C − FEBRUARY 1997 − REVISED AUGUST 2006
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Output Swing Includes Both Supply Rails
D Low Noise . . . 12 nV/√Hz Typ at f = 1 kHz
D Low Input Bias Current ...1 pA Typ
D Fully Specified for Both Single-Supply and
Split-Supply Operation
D Low Power . . . 500 µA Max
D Common-Mode Input Voltage Range
Includes Negative Rail
D Low Input Offset Voltage
950
µV Max at TA = 25°C (TLV226xA)
D Wide Supply Voltage Range
2.7 V to 8 V
D Macromodel Included
D Available in Q-Temp Automotive
HighRel Automotive Applications
Configuration Control / Print Support
Qualification to Automotive Standards
description
The TLV2262 and TLV2264 are dual and quad low
voltage operational amplifiers from Texas Instru-
ments. Both devices exhibit rail-to-rail output
performance for increased dynamic range in
single or split supply applications. The TLV226x
family offers a compromise between the micro-
power TLV225x and the ac performance of the
TLC227x. It has low supply current for battery-
powered applications, while still having adequate
ac performance for applications that demand it.
This family is fully characterized at 3 V and 5 V and
is optimized for low-voltage applications. The
noise performance has been dramatically im-
proved over previous generations of CMOS
amplifiers. Figure 1 depicts the low level of noise
voltage for this CMOS amplifier, which has only
200
µA (typ) of supply current per amplifier.
The TLV226x, exhibiting high input impedance
and low noise, are excellent for small-signal
conditioning for high-impedance sources, such as
piezoelectric transducers. Because of the micro-
power dissipation levels combined with 3-V
operation, these devices work well in hand-held monitoring and remote-sensing applications. In addition, the
rail-to-rail output feature with single or split supplies makes this family a great choice when interfacing with
analog-to-digital converters (ADCs). For precision applications, the TLV226xA family is available and has a
maximum input offset voltage of 950
µV.
The TLV2262/4 also makes great upgrades to the TLV2332/4 in standard designs. They offer increased output
dynamic range, lower noise voltage and lower input offset voltage. This enhanced feature set allows them to
be used in a wider range of applications. For applications that require higher output drive and wider input voltage
range, see the TLV2432 and TLV2442 devices. If your design requires single amplifiers, please see the
TLV2211/21/31 family. These devices are single rail-to-rail operational amplifiers in the SOT-23 package. Their
small size and low power consumption make them ideal for high density, battery-powered equipment.
Copyright
 1997−2006, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Advanced LinCMOS is a trademark of Texas Instruments.
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
| IOH | − High-Level Output Current − µ A
Figure 1
2
1
0.5
0
0
500
1000
3
3.5
4
1500
2000
2.5
1.5
TA = − 55°C
VDD = 3 V
TA = 85°C
TA = − 40°C
TA = 125°C
TA = 25°C
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLV2264AIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2264AIN TI-TLV2264AIN Datasheet
817Kb / 51P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2264AIN TI-TLV2264AIN Datasheet
1Mb / 55P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TLV2264AIN STMICROELECTRONICS-TLV2264AIN Datasheet
1Mb / 55P
   ADVANCED LINCOMS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2264AIN TI-TLV2264AIN Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2264AIN TI-TLV2264AIN Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2264AIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV226X TI-TLV226X Datasheet
817Kb / 51P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274ACPW TI-TLC2274ACPW Datasheet
816Kb / 52P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X Datasheet
816Kb / 52P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2872Z TI1-TLC2872Z Datasheet
260Kb / 17P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
TLC2872 TI1-TLC2872 Datasheet
260Kb / 17P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
TLV2711 TI-TLV2711 Datasheet
551Kb / 28P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2211 TI-TLV2211 Datasheet
529Kb / 29P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2231 TI-TLV2231 Datasheet
585Kb / 27P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2731 TI-TLV2731 Datasheet
631Kb / 28P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X Datasheet
926Kb / 57P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com