Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2474APWPRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2474APWPRQ1
Description  FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2474APWPRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TLV2474APWPRQ1 Datasheet HTML 1Page - Texas Instruments TLV2474APWPRQ1 Datasheet HTML 2Page - Texas Instruments TLV2474APWPRQ1 Datasheet HTML 3Page - Texas Instruments TLV2474APWPRQ1 Datasheet HTML 4Page - Texas Instruments TLV2474APWPRQ1 Datasheet HTML 5Page - Texas Instruments TLV2474APWPRQ1 Datasheet HTML 6Page - Texas Instruments TLV2474APWPRQ1 Datasheet HTML 7Page - Texas Instruments TLV2474APWPRQ1 Datasheet HTML 8Page - Texas Instruments TLV2474APWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TLV247xQ1, TLV247xAQ1
FAMILY OF 600 µA/Ch 2.8MHz RAILTORAIL INPUT/OUTPUT
HIGHDRIVE OPERATIONAL AMPLIFIERS
SGLS180B − AUGUST 2003 − REVISED APRIL 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VO(PP) = 0.8 V,
CL = 150 pF,
25
°C
1.1
1.4
V/ s
SR
Slew rate at unity gain
VO(PP) = 0.8 V,
RL = 10 kΩ
CL = 150 pF,
Full range
0.6
V/
µs
Vn
Equivalent input noise voltage
f = 100 Hz
25
°C
28
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
15
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
0.405
pA /
√Hz
VO(PP) = 2 V,
AV = 1
0.02%
THD + N
Total harmonic distortion plus noise
VO(PP) = 2 V,
RL = 10 kΩ,
f = 1 kHz
AV = 10
25
°C
0.1%
THD + N
Total harmonic distortion plus noise
RL = 10 kΩ,
f = 1 kHz
AV = 100
25 C
0.5%
Gain-bandwidth product
f = 10 kHz,
RL = 600 Ω
25
°C
2.8
MHz
V(STEP)PP = 2 V,
AV = −1,
0.1%
1.5
ts
Settling time
AV = −1,
CL = 10 pF,
RL = 10 kΩ
0.01%
25
°C
3.9
s
ts
Settling time
V(STEP)PP = 2 V,
AV = −1,
0.1%
25
°C
1.6
µs
AV = −1,
CL = 56 pF,
RL = 10 kΩ
0.01%
4
φm
Phase margin
RL = 10 kΩ,
CL = 1000 pF
25
°C
61
°
Gain margin
RL = 10 kΩ,
CL = 1000 pF
25
°C
15
dB
† Full range is −40°C to 125°C. If not specified, full range is −40°C to 125°C.
‡ Depending on package dissipation rating


Similar Part No. - TLV2474APWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2474APWPRQ1 TI-TLV2474APWPRQ1 Datasheet
662Kb / 27P
[Old version datasheet]   FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2474APWPRQ1 TI1-TLV2474APWPRQ1 Datasheet
780Kb / 31P
[Old version datasheet]   FAMILY OF 600-關A/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2474APWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV247X-Q1 TI-TLV247X-Q1 Datasheet
662Kb / 27P
[Old version datasheet]   FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2471-Q1 TI1-TLV2471-Q1 Datasheet
780Kb / 31P
[Old version datasheet]   FAMILY OF 600-關A/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2470 TI-TLV2470 Datasheet
1Mb / 41P
[Old version datasheet]   FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com