Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38503M4H Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M38503M4H
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38503M4H Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M38503M4H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38503M4H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38503M4H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38503M4H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38503M4H Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38503M4H Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38503M4H Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38503M4H Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38503M4H Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
6
3850 Group (Spec. H)
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Currently planning products are listed below.
RAM size (bytes)
Remarks
Package
Table 2 Support products
Product name
As of Feb. 2000
24576
(24446)
ROM size (bytes)
ROM size for User in (
)
M38503M2H-XXXSP
M38503M2H-XXXFP
M38503M4H-XXXSP
M38503M4H-XXXFP
M38504M6-XXXSP
M38504E6-XXXSP
M388504E6SP
M388504E6SS
M38504M6-XXXFP
M38504E6-XXXFP
M38504E6FP
42P4B
42P2R-A/E
424P4B
42P2R-A/E
424P4B
42S1B-A
42P2R-A/E
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
One Time PROM version
One Time PROM version (blank)
EPROM version
Mask ROM version
One Time PROM version
One Time PROM version (blank)
8192
(8062)
512
16384
(16254)
640
512
Table 3 3850 group (standard) and 3850 group (spec. H)
corresponding products
3850 group (standard)
M38503M2-XXXFP/SP
M38503M4-XXXFP/SP
M38503E4-XXXFP/SP
M38503E4FP/SP
M38503E4SS
3850 group (spec. H)
M38503M2H-XXXFP/SP
M38503M4H-XXXFP/SP
M38504M6-XXXFP/SP
M38504E6-XXXFP/SP
M38504E6FP/SP
M38504E6SS
M38507M8-XXXFP/SP
M38507F8FP/SP
Table 4 Differences between 3850 group (standard) and 3850 group (spec. H)
Serial I/O
A-D converter
Large current port
3850 group (standard)
1: Serial I/O (UART or Clock-synchronized)
Unserviceable in low-speed mode
5: P13–P17
3850 group (spec. H)
2: Serial I/O1 (UART or Clock-synchronized)
Serial I/O2 (Clock-synchronized)
Serviceable in low-speed mode
8: P10–P17
Notes on differences between 3850 group (standard) and 3850 group (spec. H)
(1) The absolute maximum ratings of 3850 group (spec. H) is smaller than that of 3850 group (standard).
•Power source voltage Vcc = –0.3 to 6.5 V
•CNVss input voltage VI = –0.3 to Vcc +0.3 V
(2) The oscillation circuit constants of XIN-XOUT, XCIN-XCOUT may be some differences between 3850 group (standard) and 3850 group
(spec. H).
(3) Do not write any data to the reserved area and the reserved bit. (Do not change the contents after rest.)
(4) Fix bit 3 of the CPU mode register to “1”.
(5) Be sure to perform the termination of unused pins.


Similar Part No. - M38503M4H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38503M4H-XXXFP MITSUBISHI-M38503M4H-XXXFP Datasheet
1Mb / 99P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M38503M4H-XXXFP RENESAS-M38503M4H-XXXFP Datasheet
837Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38503M4H-XXXFP RENESAS-M38503M4H-XXXFP Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
logo
Mitsubishi Electric Sem...
M38503M4H-XXXSP MITSUBISHI-M38503M4H-XXXSP Datasheet
1Mb / 99P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M38503M4H-XXXSP RENESAS-M38503M4H-XXXSP Datasheet
837Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38503M4H

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com