Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4379 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4379
Description  Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4379 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV4379 Datasheet HTML 4Page - Texas Instruments TLV4379 Datasheet HTML 5Page - Texas Instruments TLV4379 Datasheet HTML 6Page - Texas Instruments TLV4379 Datasheet HTML 7Page - Texas Instruments TLV4379 Datasheet HTML 8Page - Texas Instruments TLV4379 Datasheet HTML 9Page - Texas Instruments TLV4379 Datasheet HTML 10Page - Texas Instruments TLV4379 Datasheet HTML 11Page - Texas Instruments TLV4379 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
TLV379, TLV2379, TLV4379
SBOS785 – APRIL 2016
www.ti.com
Product Folder Links: TLV379 TLV2379 TLV4379
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
See typical characteristic graph, Common-Mode Rejection Ratio vs Frequency (Figure 2).
7.7 Electrical Characteristics: VS = 1.8 V to 5.5 V
at TA = 25°C, RL = 25 kΩ connected to VS / 2, and VCM < (V+) – 1 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5 V
0.8
2.5
mV
dVOS/dT
VOS drift
TA = –40°C to +125°C
3
μV/°C
PSRR
Power-supply rejection ratio
92
104
dB
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection ratio(1)
(V–) < VCM < (V+) – 1 V
85
100
dB
TA = –40°C to +125°C,
(V–) < VCM < (V+) – 1 V
62
INPUT BIAS CURRENT
IIB
Input bias current
VS = 5 V, VCM ≤ VS / 2
±5
pA
IIO
Input offset current
VS = 5 V
±5
pA
INPUT IMPEDANCE
Differential
1013 || 3
Ω || pF
Common-mode
1013 || 6
Ω || pF
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
2.8
μVPP
en
Input voltage noise density
f = 1 kHz
83
nV/
√Hz
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 5 V, RL = 5 kΩ,
500 mV < VO < (V+) – 500 mV
90
110
dB
OUTPUT
Voltage output swing from rail
RL = 5 kΩ
25
50
mV
TA = –40°C to +125°C, RL = 5 kΩ
75
ISC
Short-circuit current
±5
mA
CLOAD
Capacitive load drive
See Capacitive Load and Stability section
ROUT
Closed-loop output impedance
G = 1, f = 1 kHz, IO = 0
10
RO
Open-loop output impedance
f = 100 kHz, IO = 0
28
k
FREQUENCY RESPONSE (CLOAD = 30 pF)
GBW
Gain bandwidth product
90
kHz
SR
Slew rate
G = 1
0.03
V/
μs
Overload recovery time
VIN × Gain > VS
25
μs
tON
Turn-on time
1
ms
POWER SUPPLY
VS
Specified, operating voltage range
1.8
5.5
V
IQ
Quiescent current per amplifier
VS = 5 V, TA = –40°C to +125°C
4
12
μA
TEMPERATURE
TA
Specified, operating range
–40
125
°C
Tstg
Storage range
–65
150
°C


Similar Part No. - TLV4379

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4376 TI1-TLV4376 Datasheet
1Mb / 34P
[Old version datasheet]   TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
TLV4376IPWR TI1-TLV4376IPWR Datasheet
1Mb / 34P
[Old version datasheet]   TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV4379

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Exar Corporation
CLC2011 EXAR-CLC2011 Datasheet
2Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
CLC1011 CADEKA-CLC1011 Datasheet
2Mb / 16P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC1011_1A CADEKA-CLC1011_1A Datasheet
3Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com