Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV0834I Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV0834I
Description  3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV0834I Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV0834I Datasheet HTML 4Page - Texas Instruments TLV0834I Datasheet HTML 5Page - Texas Instruments TLV0834I Datasheet HTML 6Page - Texas Instruments TLV0834I Datasheet HTML 7Page - Texas Instruments TLV0834I Datasheet HTML 8Page - Texas Instruments TLV0834I Datasheet HTML 9Page - Texas Instruments TLV0834I Datasheet HTML 10Page - Texas Instruments TLV0834I Datasheet HTML 11Page - Texas Instruments TLV0834I Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TLV0834C, TLV0834I, TLV0838C, TLV0838I
3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS147B – SEPTEMBER 1996 – REVISED OCTOBER 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended range of operating free-air temperature, VCC = 3.3 V,
f(CLK) = 250 kHz (unless otherwise noted) (continued)
analog and converter section
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
– 0.05
VIC
Common-mode input voltage
See Note 3
to
V
IC
g
VCC + 0.05
On channel
VI = 3.3 V
1
II( tdb )
Standby input current (see Note 4)
Off channel
VI = 0
–1
µA
II(stdby)
Standby input current (see Note 4)
On channel
VI = 0
–1
µA
Off channel
VI = 3.3 V
1
ri(REF)
Input resistance to REF
1.3
2.4
5.9
k
total device
PARAMETER
MIN
TYP‡
MAX
UNIT
ICC
Supply current
0.2
0.75
mA
† All parameters are measured under open-loop conditions with zero common-mode input voltage.
‡ All typical values are at VCC = 3.3 V, TA = 25°C.
NOTES:
3. When channel IN – is more positive than channel IN+, the digital output code is 0000 0000. Connected to each analog input are
two on-chip diodes that conduct forward current for analog input voltages one diode drop above VCC. Care must be taken during
testing at low VCC levels (3 V) because high-level analog input voltage (3.6 V) can, especially at high temperatures, cause the input
diode to conduct and cause errors for analog inputs that are near full scale. As long as the analog voltage does not exceed the supply
voltage by more than 50 mV, the output code is correct. To achieve an absolute 0- to 3.3-V input range requires a minimum VCC of
3.25 V for all variations of temperature and load.
4. Standby input currents go in or out of the on or off channels when the A/D converter is not performing conversion and the clock is
in a high or low steady-state condition.
operating characteristics, VCC = 3.3 V, f(CLK) = 250 kHz, tr = tf = 20 ns, TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS§
MIN
TYP
MAX
UNIT
Supply-voltage variation error
VCC = 3 V to 3.6 V
±1/16
±1/4
LSB
Total unadjusted error (see Note 5)
Vref = 3.3 V, TA = MIN to MAX
±1
LSB
Common-mode error
Differential mode
±1/16
±1/4
LSB
t d
Propagation delay time, output data after
MSB-first data
CL = 100pF
500
ns
tpd
gy
,
CLK
↓ (see Note 6)
LSB-first data
CL = 100pF
200
ns
tdi
Output disable time DO or SARS after CS
CL = 10 pF,
RL = 10 kΩ
80
ns
tdis
Output disable time, DO or SARS after CS
CL = 100 pF, RL = 2 kΩ
250
ns
tc
Conversion time (multiplexer-addressing time not included)
8
clock
periods
§ All parameters are measured under open-loop conditions with zero common-mode input voltage. For conditions shown as MIN or MAX, use the
appropriate value specified under recommended operating conditions.
NOTES:
5. Total unadjusted error includes offset, full-scale, linearity, and multiplexer errors.
6. The MSB-first data is output directly from the comparator and, therefore, requires additional delay to allow for comparator response
time.


Similar Part No. - TLV0834I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV0834I TI-TLV0834I Datasheet
239Kb / 16P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834I TI1-TLV0834I Datasheet
1Mb / 27P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834ID TI-TLV0834ID Datasheet
239Kb / 16P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834ID TI1-TLV0834ID Datasheet
847Kb / 26P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834IDG4 TI1-TLV0834IDG4 Datasheet
847Kb / 26P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results

Similar Description - TLV0834I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV0831C TI1-TLV0831C_16 Datasheet
903Kb / 19P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0831C TI-TLV0831C Datasheet
194Kb / 12P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834 TI1-TLV0834 Datasheet
847Kb / 26P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834C TI1-TLV0834C_14 Datasheet
1Mb / 27P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834C TI-TLV0834C Datasheet
239Kb / 16P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com