Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV0831CDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV0831CDR
Description  3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV0831CDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV0831CDR Datasheet HTML 2Page - Texas Instruments TLV0831CDR Datasheet HTML 3Page - Texas Instruments TLV0831CDR Datasheet HTML 4Page - Texas Instruments TLV0831CDR Datasheet HTML 5Page - Texas Instruments TLV0831CDR Datasheet HTML 6Page - Texas Instruments TLV0831CDR Datasheet HTML 7Page - Texas Instruments TLV0831CDR Datasheet HTML 8Page - Texas Instruments TLV0831CDR Datasheet HTML 9Page - Texas Instruments TLV0831CDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TLV0831C, TLV0831I
TLV0832C, TLV0832I
3VOLT 8BIT ANALOGTODIGITAL CONVERTERS WITH SERIAL CONTROL
SLAS148 − SEPTEMBER 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended range of operating free-air temperature, VCC = 3.3 V,
f(CLK) = 250 kHz (unless otherwise noted)
digital section
PARAMETER
TEST CONDITIONS†
C SUFFIX
I SUFFIX
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VOH
High-level output voltage
VCC = 3 V,
IOH = − 360 µA
2.8
2.4
V
VOH
High-level output voltage
VCC = 3 V,
IOH = − 10 µA
2.9
2.8
V
VOL
Low-level output voltage
VCC = 3 V,
IOL = 1.6 mA
0.34
0.4
V
IIH
High-level input current
VIH = 3.6 V
0.005
1
0.005
1
µA
IIL
Low-level input current
VIL = 0
− 0.005
−1
− 0.005
−1
µA
IOH
High-level output
(source) current
At VOH, DO= 0 V, TA = 25°C
− 6.5
−15
− 6.5
−15
mA
IOL
Low-level output (sink) current
At VOL, DO= 0 V,
TA = 25°C
8
−16
8
−16
mA
IOZ
High-impedance-state output
VO = 3.3 V,
TA = 25°C
0.01
3
0.01
3
A
IOZ
High-impedance-state output
current (DO)
VO = 0,
TA = 25°C
− 0.01
−3
− 0.01
−3
µA
Ci
Input capacitance
5
5
pF
Co
Output capacitance
5
5
pF
† All parameters are measured under open-loop conditions with zero common-mode input voltage.
‡ All typical values are at VCC = 3.3 V, TA = 25°C.
analog and converter section
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIC
Common-mode input voltage
See Note 3
− 0.05
to
VCC+ 0.05
V
On channel
VI = 3.3 V
1
II(stdby)
Standby input current (see Note 4)
Off channel
VI = 0
−1
A
II(stdby)
Standby input current (see Note 4)
On channel
VI = 0
−1
µA
Off channel
VI = 3.3 V
1
ri(REF)
Input resistance to REF
1.3
2.4
5.9
k
† All parameters are measured under open-loop conditions with zero common-mode input voltage.
‡ All typical values are at VCC = 3.3 V, TA = 25°C.
NOTES:
3. When channel IN− is more positive than channel IN+, the digital output code is 0000 0000. Connected to each analog input are two
on-chip diodes that conduct forward current for analog input voltages one diode drop above VCC. Care must be taken during testing
at low VCC levels (3 V) because high-level analog input voltage (3.6 V) can, especially at high temperatures, cause the input diode
to conduct and cause errors for analog inputs that are near full scale. As long as the analog voltage does not exceed the supply
voltage by more than 50 mV, the output code is correct. To achieve an absolute 0- to 3.3-V input range requires a minimum VCC of
3.25 V for all variations of temperature and load.
4. Standby input currents go in or out of the on or off channels when the A/D converter is not performing conversion and the clock is
in a high or low steady-state conditions.
total device
PARAMETER
MIN
TYP‡
MAX
UNIT
ICC
Supply current
TLV0831
0.2
0.75
mA
ICC
Supply current
TLV0832
1.5
2.5
mA
‡ All typical values are at VCC = 3.3 V, TA = 25°C.


Similar Part No. - TLV0831CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV0831CDR TI1-TLV0831CDR Datasheet
696Kb / 21P
[Old version datasheet]    8-Bit Resolution 2.7 V to 3.6 V VCC Easy Microprocessor Interface or Standalone Operation
TLV0831CDRG4 TI1-TLV0831CDRG4 Datasheet
696Kb / 21P
[Old version datasheet]    8-Bit Resolution 2.7 V to 3.6 V VCC Easy Microprocessor Interface or Standalone Operation
More results

Similar Description - TLV0831CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV0834C TI1-TLV0834C_16 Datasheet
1Mb / 29P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0831C TI-TLV0831C Datasheet
194Kb / 12P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834 TI1-TLV0834 Datasheet
847Kb / 26P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834C TI1-TLV0834C_14 Datasheet
1Mb / 27P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834C TI-TLV0834C Datasheet
239Kb / 16P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com