Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV224x Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV224x
Description  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV224x Datasheet(HTML) 2 Page - Texas Instruments

  TLV224x Datasheet HTML 1Page - Texas Instruments TLV224x Datasheet HTML 2Page - Texas Instruments TLV224x Datasheet HTML 3Page - Texas Instruments TLV224x Datasheet HTML 4Page - Texas Instruments TLV224x Datasheet HTML 5Page - Texas Instruments TLV224x Datasheet HTML 6Page - Texas Instruments TLV224x Datasheet HTML 7Page - Texas Instruments TLV224x Datasheet HTML 8Page - Texas Instruments TLV224x Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TLV2302, TLV2304
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS
AND OPEN DRAIN COMPARATORS
SLOS343 – DECEMBER 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV2302 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
SMALL OUTLINE†
MSOP
PLASTIC DIP
TA
IO
AT 25
°C
SMALL OUTLINE†
(D)
MSOP†
(DGK)
SYMBOLS
PLASTIC DIP
(P)
-40
°C to 125°C
4000
μV
TLV2302ID
TLV2302IDGK
xxTIAQG
TLV2302IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g.,
TLV2302IDR).
TLV2304 AVAILABLE OPTIONS
Vma
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE†
(D)
TSSOP
(PW)
PLASTIC DIP
(N)
–40
°C to 125°C
4000
μV
TLV2304ID
TLV2304IPW
TLV2304IN
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part
number (e.g., TLV2304IDR).
TLV230x PACKAGE PINOUTS
1
2
3
4
8
7
6
5
AOUT
AIN –
AIN +
GND
VCC
COUT
CIN –
CIN+
TLV2302
D, DGK, OR P PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
C1OUT
C1IN –
C1IN+
VCC
C2IN+
C2IN –
C2OUT
A2OUT
A2IN–
A2IN+
GND
A1IN+
A1IN–
A1OUT
(TOP VIEW)
TLV2304
D, N, OR PW PACKAGE


Similar Part No. - TLV224x

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV224X BURR-BROWN-TLV224X Datasheet
237Kb / 12P
   1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV224X TI1-TLV224X Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
TLV224x TI1-TLV224x Datasheet
627Kb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV224x TI1-TLV224x Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV224x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2302 TI-TLV2302 Datasheet
396Kb / 22P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV3401 TI1-TLV3401_13 Datasheet
759Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3402 TI-TLV3402 Datasheet
257Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV1851 TI1-TLV1851 Datasheet
1Mb / 36P
[Old version datasheet]   TLV185x and TLV186x Family of 40 V, Nanopower Comparators
REVISED AUGUST 2023
TLV1861 TI-TLV1861 Datasheet
1Mb / 31P
[Old version datasheet]   TLV185x and TLV186x Family of 40 V, Nanopower Comparators
DECEMBER 2022
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com