Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2264-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV2264-Q1
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2264-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TLV2264-Q1 Datasheet HTML 1Page - Texas Instruments TLV2264-Q1 Datasheet HTML 2Page - Texas Instruments TLV2264-Q1 Datasheet HTML 3Page - Texas Instruments TLV2264-Q1 Datasheet HTML 4Page - Texas Instruments TLV2264-Q1 Datasheet HTML 5Page - Texas Instruments TLV2264-Q1 Datasheet HTML 6Page - Texas Instruments TLV2264-Q1 Datasheet HTML 7Page - Texas Instruments TLV2264-Q1 Datasheet HTML 8Page - Texas Instruments TLV2264-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TLV2262A-Q1, TLV2264A-Q1
SGLS193 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
over operating free-air temperature range (unless otherwise noted)
VDD
Supply voltage(2)
–0.3 V to 16 V
VID
Differential input voltage(3)
±VDD
VI
Input voltage range
(VDD– – 0.3 V) to VDD+
II
Input current, any input
±5 mA
IO
Output current
±50 mA
Total current into VDD+
±50 mA
Total current out of VDD–
±50 mA
Duration of short-circuit current (at or below) 25°C(4)
Unlimited
PD
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–40°C to 125°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to VDD–.
(3)
Differential voltages are at the noninverting input with respect to the inverting input. Excessive current flows when input is brought below
VDD– – 0.3 V.
(4)
The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum dissipation
rating is not exceeded.
TA ≤ 25°C
DERATING FACTOR
TA = 85°C
TA = 125°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
PW-8
525 mW
4.2 mW/°C
273 mW
105 mW
PW-14
700 mW
5.6 mW/°C
364 mW
140 mW
MIN
MAX
UNIT
VDD±
Supply voltage(1)
2.7
8
V
VI
Input voltage
VDD–
VDD+ –1.3
V
VIC
Common-mode input voltage
VDD–
VDD+ –1.3
V
TA
Operating free-air temperature
–40
125
°C
(1)
All voltage values, except differential voltages, are with respect to VDD–.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLV2262A-Q1 TLV2264A-Q1


Similar Part No. - TLV2264-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2264-Q1 TI1-TLV2264-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2264-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com