Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2264A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2264A
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2264A Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2264A Datasheet HTML 6Page - Texas Instruments TLV2264A Datasheet HTML 7Page - Texas Instruments TLV2264A Datasheet HTML 8Page - Texas Instruments TLV2264A Datasheet HTML 9Page - Texas Instruments TLV2264A Datasheet HTML 10Page - Texas Instruments TLV2264A Datasheet HTML 11Page - Texas Instruments TLV2264A Datasheet HTML 12Page - Texas Instruments TLV2264A Datasheet HTML 13Page - Texas Instruments TLV2264A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
TLV2264A OPERATING CHARACTERISTICS
TLV2262A-Q1, TLV2264A-Q1
SGLS193 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
VDD = 3 V, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25°C
0.35
0.55
VO = 0.5 V to 1.7 V, RL = 50 kΩ
(1),
SR
Slew rate at unity gain
V/
µs
CL = 100 pF
(1)
Full range
0.25
f = 10 Hz
25°C
43
Equivalent input noise
Vn
nV/
√Hz
voltage
f = 1 kHz
25°C
12
f = 0.1 Hz to 1 Hz
25°C
0.6
Peak-to-peak equivalent
VN(PP)
µV
input noise voltage
f = 0.1 Hz to 10 Hz
25°C
1
In
Equivalent input noise current
25°C
0.6
fA/
√Hz
AV = 1
25°C
0.03
Total harmonic distortion plus VO = 0.5 V to 2.5 V, f = 20 kHz,
THD+N
%
noise
RL = 50 kΩ
(1)
AV = 10
25°C
0.05
Gain-bandwidth product
f = 1 kHz, RL = 50 kΩ
(1), C
L = 100 pF
(1)
25°C
0.67
MHz
Maximum output-swing
VO(PP) = 1 V, AV = 1, RL = 50 kΩ
(1),
BOM
25°C
395
kHz
bandwidth
CL = 100 pF
(1)
To 0.1%
25°C
5.6
AV = –1, Step = 1 V to 2 V,
ts
Settling time
µs
RL = 50 kΩ
(1), C
L = 100 pF
(1)
To 0.01%
25°C
12.5
φ
m
Phase margin at unity gain
RL = 50 kΩ
(1), C
L = 100 pF
(1)
25°C
55
°
Gm
Gain margin
RL = 50 kΩ
(1), C
L = 100 pF
(1)
25°C
11
dB
(1)
Referenced to 1.5 V
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLV2262A-Q1 TLV2264A-Q1


Similar Part No. - TLV2264A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2264A TI1-TLV2264A Datasheet
2Mb / 64P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2264A-Q1 TI1-TLV2264A-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2264AID TI-TLV2264AID Datasheet
817Kb / 51P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2264AID TI-TLV2264AID Datasheet
1Mb / 55P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TLV2264AID STMICROELECTRONICS-TLV2264AID Datasheet
1Mb / 55P
   ADVANCED LINCOMS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2264A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com