Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2201BIRCPRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2201BIRCPRG4
Description  ETHERNET TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2201BIRCPRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TLK2201BIRCPRG4 Datasheet HTML 1Page - Texas Instruments TLK2201BIRCPRG4 Datasheet HTML 2Page - Texas Instruments TLK2201BIRCPRG4 Datasheet HTML 3Page - Texas Instruments TLK2201BIRCPRG4 Datasheet HTML 4Page - Texas Instruments TLK2201BIRCPRG4 Datasheet HTML 5Page - Texas Instruments TLK2201BIRCPRG4 Datasheet HTML 6Page - Texas Instruments TLK2201BIRCPRG4 Datasheet HTML 7Page - Texas Instruments TLK2201BIRCPRG4 Datasheet HTML 8Page - Texas Instruments TLK2201BIRCPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
BLOCK DIAGRAM
2:1
MUX
PRBS
Generator
10Bit
Registers
TD(0−9)
PRBSEN
LOOPEN
Parallelto
Serial
PhaseGenerator
Clock
REFCLK
Control
Logic
MODESEL
ENABLE
TESTEN
Interpolator
and
ClockExtraction
PRBS
Verification
SerialtoParallel
and
CommaDetect
Clock
RBC1
RBC0
SYNC/PASS
RD(0−9)
SYNCEN
RBCMODE
JTAG
Control
Register
JTMS
JTRSTN
JTDI
TCK
JTDO
2:1
MUX
2:1
MUX
Clock
Data
TXP
TXN
RXP
RXN
LOS
TLK2201B
TLK2201BI
SLLS585C – NOVEMBER 2003 – REVISED FEBRUARY 2008
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
SIGNAL
Differential output transmit. TXP and TXN are differential serial outputs that interface to a copper
TXP
62
PECL
or an optical I/F module. TXP and TXN are put in a high-impedance state when LOOPEN is high
TXN
61
O
and are active when LOOPEN is low.
RXP
54
PECL
Differential input receive. RXP and RXN together are the differential serial input interface from a
copper or an optical I/F module.
RXN
52
I
REFCLK
22
I
Reference clock. REFCLK is an external input clock that synchronizes the receiver and transmitter
interface (100 MHz to 160 MHz). The transmitter uses this clock to register the input data
(TD0-TD9) for serialization.
In the TBI mode that data is registered on the rising edge of REFCLK.
In the DDR mode, the data is registered on both the rising and falling edges of REFCLK with the
most significant bits aligned to the rising edge of REFCLK.
TD0–TD9
2–4, 6–9,
I
Transmit data. When in the TBI mode (MODESEL = low) these inputs carry 10-bit parallel data
11–13
output from a protocol device to the transceiver for serialization and transmission. This 10-bit
parallel data is clocked into the transceiver on the rising edge of REFCLK and transmitted as a
serial stream with TD0 sent as the first bit.
When in the DDR mode (MODESEL = high) only TD0-TD4 are valid. The 5-bit parallel data is
clocked into the transceiver on the rising and falling edge of REFCLK and transmitted as a serial
stream with TD0 sent as the first bit.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLK2201B TLK2201BI


Similar Part No. - TLK2201BIRCPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2201BIRCPR TI-TLK2201BIRCPR Datasheet
340Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results

Similar Description - TLK2201BIRCPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1211 TI1-TLK1211 Datasheet
412Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201IRCPRG4 TI-TLK1201IRCPRG4 Datasheet
541Kb / 22P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201A TI-TLK2201A Datasheet
348Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201 TI-TLK1201 Datasheet
279Kb / 19P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201B TI-TLK2201B Datasheet
340Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201ARCP TI-TLK1201ARCP Datasheet
272Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201A TI1-TLK1201A Datasheet
790Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2211 TI-TLK2211 Datasheet
551Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201RCP TI1-TLK1201RCP Datasheet
1Mb / 25P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201 TI-TLK2201 Datasheet
263Kb / 19P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com