Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1117AT Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN1117AT
Description  1A Adjustable/Fixed Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1117AT Datasheet(HTML) 9 Page - Fairchild Semiconductor

  FAN1117AT Datasheet HTML 1Page - Fairchild Semiconductor FAN1117AT Datasheet HTML 2Page - Fairchild Semiconductor FAN1117AT Datasheet HTML 3Page - Fairchild Semiconductor FAN1117AT Datasheet HTML 4Page - Fairchild Semiconductor FAN1117AT Datasheet HTML 5Page - Fairchild Semiconductor FAN1117AT Datasheet HTML 6Page - Fairchild Semiconductor FAN1117AT Datasheet HTML 7Page - Fairchild Semiconductor FAN1117AT Datasheet HTML 8Page - Fairchild Semiconductor FAN1117AT Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PRODUCT SPECIFICATION
FAN1117A
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
11/7/03 0.0m 007
Stock#DS30001117A
 2003 Fairchild Semiconductor Corporation
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
Ordering Information
Product Number
Package
FAN1117ADX
TO-252 in tape and reel
FAN1117ASX
SOT-223 in tape and reel
FAN1117AD18X
TO-252 in tape and reel
FAN1117AS18X
SOT-223 in tape and reel
FAN1117AD25X
TO-252 in tape and reel
FAN1117AS25X
SOT-223 in tape and reel
FAN1117AD285
TO-252
FAN1117AS285
SOT-223
FAN1117AD33X
TO-252 in tape and reel
FAN1117AS33X
SOT-223 in tape and reel
FAN1117AT
TO-220
FAN1117AT18
TO-220
FAN1117AT25
TO-220
FAN1117AT33
TO-220
FAN1117AD5X
TO-252 in tape and reel
FAN1117AS5X
SOT-223 in tape and reel


Similar Part No. - FAN1117AT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN1110B-F085 ONSEMI-FAN1110B-F085 Datasheet
161Kb / 8P
   Ignition Gate Drive IC
February, 2023 - Rev. 0
logo
Fairchild Semiconductor
FAN1112 FAIRCHILD-FAN1112 Datasheet
39Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112D FAIRCHILD-FAN1112D Datasheet
39Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112DX FAIRCHILD-FAN1112DX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112S FAIRCHILD-FAN1112S Datasheet
39Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
More results

Similar Description - FAN1117AT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com