Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1090 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # SR1090
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SR1090 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  SR1090 Datasheet HTML 1Page - Diode Semiconductor Korea SR1090 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Metal-Semiconductor junction with guard ring
TO - 220AC
Epitaxial construction
Low forward voltage drop,low switching losses
High surge capability
MECHANICAL DATA
Case:JEDEC TO--220AC,molded plastic
Terminals: Solderable per
MIL- STD-750,Method 2026
Polarity: As marked
Weight: 0.064 ounces,1.81 gram
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,50 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SR
1090
SR
10100
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
@TC=125
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
T
J=125
Maximum instantaneous
@IF=10A
forw ard voltage (Note1)
@ IF=20A
VF
V
Maximum reverse current
@T
C=25
at rated DC blocking voltage @T
C=100
Typical thermal resistance
(Note2)
RθJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
Note: 1. Pulse test:300us pulse width,1% duty cy cle.
-55 --- + 150
90
100
IFSM
90
100
63
70
2. Thermal resistance junction to case.
mA
IR
0.1
A
-55 --- + 175
2.0
0.80
150.0
6.0
SR1090---SR10100
A
For use in low voltage,high frequency inverters free
xxxx wheeling,and polarity protection applications
IF(AV)
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE RANGE: 90 --- 100 V
CURRENT: 10 A
The plastic material carries U/L recognition 94V-0
10.0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Dimensions in millimeters
UNITS
0.95
1
2
10.2± 0.2
PIN
0.9± 0.1
5.0± 0.1
2.6± 0.2
0.5± 0.1
1.4± 0.2
4.5± 0.2
φ 3.8± 0.15
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - SR1090

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR1090 TSC-SR1090 Datasheet
218Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
logo
SEMTECH ELECTRONICS LTD...
SR1090 SEMTECH_ELEC-SR1090 Datasheet
268Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR1090 TSC-SR1090 Datasheet
573Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SR1090 TSC-SR1090 Datasheet
187Kb / 2P
   10 AMPS. Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SR1090 LUGUANG-SR1090 Datasheet
252Kb / 2P
   10.0AMP. Schottky Barrier Rectifiers
More results

Similar Description - SR1090

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com