Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2352IPWLE Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV2352IPWLE
Description  LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2352IPWLE Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2352IPWLE Datasheet HTML 7Page - Texas Instruments TLV2352IPWLE Datasheet HTML 8Page - Texas Instruments TLV2352IPWLE Datasheet HTML 9Page - Texas Instruments TLV2352IPWLE Datasheet HTML 10Page - Texas Instruments TLV2352IPWLE Datasheet HTML 11Page - Texas Instruments TLV2352IPWLE Datasheet HTML 12Page - Texas Instruments TLV2352IPWLE Datasheet HTML 13Page - Texas Instruments TLV2352IPWLE Datasheet HTML 14Page - Texas Instruments TLV2352IPWLE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TLV2352, TLV2352Y
LinCMOS
™ DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
SLCS011B – MAY 1992 – REVISED MARCH 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
The digital output stage of the TLV2352 can be damaged if it is held in the linear region of the transfer curve.
Conventional operational amplifier/comparator testing incorporates the use of a servo loop that is designed to force
the device output to a level within this linear region. Since the servo-loop method of testing cannot be used, the
following alternatives for measuring parameters such as input offset voltage, common-mode rejection, etc., are
offered.
To verify that the input offset voltage falls within the limits specified, the limit value is applied to the input as shown
in Figure 9(a). With the noninverting input positive with respect to the inverting input, the output should be high. With
the input polarity reversed, the output should be low.
A similar test can be made to verify the input offset voltage at the common-mode extremes. The supply voltages can
be slewed as shown in Figure 9(b) for the VICR test, rather than changing the input voltages to provide greater
accuracy.
+
5 V
Applied VIO
Limit
VO
+
1 V
Applied VIO
Limit
VO
– 4 V
(a) VIO WITH VIC = 0
(b) VIO WITH VIC = 4 V
5.1 k
5.1 k
Figure 9. Method for Verifying That Input Offset Voltage Is Within Specified Limits
A close approximation of the input offset voltage can be obtained by using a binary search method to vary the
differential input voltage while monitoring the output state. When the applied input voltage differential is equal but
opposite in polarity to the input offset voltage, the output changes states.


Similar Part No. - TLV2352IPWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2352IPWLE TI-TLV2352IPWLE Datasheet
311Kb / 21P
[Old version datasheet]   LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
More results

Similar Description - TLV2352IPWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2352 TI-TLV2352 Datasheet
311Kb / 21P
[Old version datasheet]   LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC372 TI-TLC372 Datasheet
183Kb / 12P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_16 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_14 Datasheet
1Mb / 27P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLV2354 TI1-TLV2354_14 Datasheet
787Kb / 19P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2354 TI-TLV2354 Datasheet
300Kb / 20P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC354 TI-TLC354 Datasheet
183Kb / 11P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC354 TI1-TLC354_14 Datasheet
634Kb / 18P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC3702 TI-TLC3702 Datasheet
383Kb / 26P
[Old version datasheet]   DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC352 TI-TLC352 Datasheet
140Kb / 9P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com