Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2352MU Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV2352MU
Description  LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2352MU Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2352MU Datasheet HTML 4Page - Texas Instruments TLV2352MU Datasheet HTML 5Page - Texas Instruments TLV2352MU Datasheet HTML 6Page - Texas Instruments TLV2352MU Datasheet HTML 7Page - Texas Instruments TLV2352MU Datasheet HTML 8Page - Texas Instruments TLV2352MU Datasheet HTML 9Page - Texas Instruments TLV2352MU Datasheet HTML 10Page - Texas Instruments TLV2352MU Datasheet HTML 11Page - Texas Instruments TLV2352MU Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TLV2352, TLV2352Y
LinCMOS
™ DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
SLCS011B – MAY 1992 – REVISED MARCH 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, TA = 25°C
TLV2352Y
PARAMETER
TEST CONDITIONS
VDD = 3 V
VDD = 5 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VIC = VICRmin, See Note 4
1
5
1
5
mV
IIO
Input offset current
1
1
pA
IIB
Input bias current
5
5
pA
VICR
Common-mode input voltage range
0 to 2
0 to 4
V
IOH
High-level output current
VID = 1 V
0.1
0.1
nA
VOL
Low-level output voltage
VID = – 1 V,
IOL = 2 mA
115
300
150
400
mV
IOL
Low-level output current
VID = – 1 V,
VOL = 1.5 V
6
16
6
16
mA
IDD
Supply current
VID = 1 V
No load
120
250
140
300
µA
† All characteristics are measured with zero common-mode input voltages unless otherwise noted.
NOTE 4: The offset voltage limits given are the maximum values required to drive the output above 4 V with VDD = 5 V, 2 V with VDD = 3 V, or
below 400 mV with a 10-k
Ω resistor between the output and VDD. They can be verified by applying the limit value to the input and
checking for the appropriate output state.


Similar Part No. - TLV2352MU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2352MU TI-TLV2352MU Datasheet
311Kb / 21P
[Old version datasheet]   LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2352MUB TI-TLV2352MUB Datasheet
311Kb / 21P
[Old version datasheet]   LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
More results

Similar Description - TLV2352MU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2352 TI-TLV2352 Datasheet
311Kb / 21P
[Old version datasheet]   LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC372 TI-TLC372 Datasheet
183Kb / 12P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_16 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_14 Datasheet
1Mb / 27P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLV2354 TI1-TLV2354_14 Datasheet
787Kb / 19P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2354 TI-TLV2354 Datasheet
300Kb / 20P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC354 TI-TLC354 Datasheet
183Kb / 11P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC354 TI1-TLC354_14 Datasheet
634Kb / 18P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC3702 TI-TLC3702 Datasheet
383Kb / 26P
[Old version datasheet]   DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC352 TI-TLC352 Datasheet
140Kb / 9P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com